Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K63L Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K63L
Description  High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K63L Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-K63L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K63L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K63L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K63L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K63L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K63L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-K63L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-K63L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-K63L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 6. Test circuit for tPHL and tPLH
Figure7. Typical propagation delay vs. temperature
Figure 5. Typical input diode forward charac-
teristic.
Figure 4. Typical low level output current vs. temperature.
VCC = 3.3 V
VOL = 0.6 V
70
60
-60
-20
20
60
100
TA – TEMPERATURE – °C
50
80
40
0
-40
20
40
IF = 5.0 mA
-60
0
TA - TEMPERATURE - °C
100
60
80
-20
20
20
VCC = 5.0 V
VOL = 0.6 V
60
-40
04080
40
IF = 5.0 mA
1.1
0.001
VF – FORWARD VOLTAGE – V
1.0
1000
1.3
0.01
1.5
1.2
1.4
0.1
TA = 25 °C
10
100
IF
+
VF
1.6
VCC = 3.3 V
IF = 7.5 mA
150
120
-60-20
20
60
100
TA – TEMPERATURE – C
90
80
40
0
-40
0
60
30
tPHL , RL = 350 Ω
tPLH , RL = 350 Ω
VCC = 5.0 V
IF = 7.5 mA
100
80
-60
-2020
60
100
TA - TEMPERATURE - °C
60
80
40
0
-40
0
40
20
tPLH , RL = 350Ω
tPHL , R L = 350Ω
1 kΩ
OUTPUT VO
MONITORING
NODE
3.3 V / 5 V
4
5
6
1
3
2
PULSE GEN.
Z = 50
t = t = 5 ns
O
f
IF
RL
RM
VCC
0.1 µF
BYPASS
*CL
GND
INPUT
MONITORING
NODE
r
SINGLE CHANNEL
OUTPUT VO
MONITORING
NODE
3.3 V / 5 V
7
5
6
8
2
3
4
1
PULSE GEN.
ZO = 50 Ω
tf = tr = 5 ns
IF
RL
RM
VCC
0.1 µF
BYPASS
CL*
GND
INPUT
MONITORING
NODE
DUAL CHANNEL
*CL IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
1.5 V
tPHL
tPLH
IF
INPUT
VO
OUTPUT
IF = 7.50 mA
IF = 3.75 mA


Similar Part No. - ACPL-K63L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K63L BOARDCOM-ACPL-K63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K63L-000E AVAGO-ACPL-K63L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-K63L-020 AVAGO-ACPL-K63L-020 Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-K63L-060 AVAGO-ACPL-K63L-060 Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-K63L-500 AVAGO-ACPL-K63L-500 Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

Similar Description - ACPL-K63L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
List of Unclassifed Man...
RC8660 ETC1-RC8660 Datasheet
603Kb / 49P
   CMOS, 3.3 Volt / 5 Volt Voice Synthesizer Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com