Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9644BCPZ-155 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9644BCPZ-155
Description  14-Bit, 80 MSPS/155 MSPS, 1.8 V Dual Serial Output Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9644BCPZ-155 Datasheet(HTML) 1 Page - Analog Devices

  AD9644BCPZ-155 Datasheet HTML 1Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 2Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 3Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 4Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 5Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 6Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 7Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 8Page - Analog Devices AD9644BCPZ-155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
14-Bit, 80 MSPS/155 MSPS, 1.8 V Dual
Serial Output Analog-to-Digital Converter (ADC)
Data Sheet
AD9644
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
JESD204A coded serial digital outputs
SNR = 73.7 dBFS at 70 MHz and 80 MSPS
SNR = 71.7 dBFS at 70 MHz and 155 MSPS
SFDR = 92 dBc at 70 MHz and 80 MSPS
SFDR = 92 dBc at 70 MHz and 155 MSPS
Low power: 423 mW at 80 MSPS, 567 mW at 155 MSPS
1.8 V supply operation
Integer 1-to-8 input clock divider
IF sampling frequencies to 250 MHz
−148.6 dBFS/Hz input noise at 180 MHz and 80 MSPS
−150.3 dBFS/Hz input noise at 180 MHz and 155 MSPS
Programmable internal ADC voltage reference
Flexible analog input range: 1.4 V p-p to 2.1 V p-p
ADC clock duty cycle stabilizer
Serial port control
User-configurable, built-in self-test (BIST) capability
Energy-saving power-down modes
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers (3G and 4G)
GSM, EDGE, W-CDMA, LTE,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
Ultrasound equipment
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
AD9644
14
VIN+A
AVDD
PDWN
DRVDD
DRGND
14
VIN+B
VIN–B
DOUT+A
DOUT+B
VIN–A
VCMA
VCMB
SCLK SDIO CSB
PIPELINE
14-BIT ADC
PIPELINE
14-BIT ADC
SERIAL PORT
(SPI)
CLK+ CLK–
1 TO 8
CLOCK
DIVIDER
DSYNC+A
PLL
DSYNC+B
AGND
SYNC
DOUT–A
DSYNC–A
DOUT–B
DSYNC–B
Figure 1. 48-Lead 7 mm × 7 mm LFCSP
PRODUCT HIGHLIGHTS
1.
An on-chip PLL allows users to provide a single ADC
sampling clock; the PLL multiplies the ADC sampling
clock to produce the corresponding JESD204A data rate
clock.
2.
The configurable JESD204A output block supports up to
1.6 Gbps per channel data rate when using a dedicated
data link per ADC or 3.2 Gbps data rate when using a
single shared data link for both ADCs.
3.
Proprietary differential input that maintains excellent SNR
performance for input frequencies up to 250 MHz.
4.
Operation from a single 1.8 V power supply.
5.
Standard serial port interface (SPI) that supports various
product features and functions, such as data formatting
(offset binary, twos complement, or gray coding),
controlling the clock DCS, power-down, test modes,
voltage reference mode, and serial output configuration.


Similar Part No. - AD9644BCPZ-155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9644BCPZ-155 AD-AD9644BCPZ-155 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
More results

Similar Description - AD9644BCPZ-155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com