Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6143IRHB25 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS6143IRHB25
Description  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6143IRHB25 Datasheet(HTML) 1 Page - Texas Instruments

  ADS6143IRHB25 Datasheet HTML 1Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 2Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 3Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 4Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 5Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 6Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 7Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 8Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198B – JULY 2007 – REVISED MARCH 2008
www.ti.com
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
• Radar Systems
• Maximum Sample Rate: 125 MSPS
• 14-Bit Resolution with No Missing Codes
ADS6145/ADS6144/ADS6143/ADS6142
(ADS614X)
• 3.5 dB Coarse Gain and up to 6 dB
are a family of 14-bit A/D converters with sampling
Programmable Fine Gain for SNR/SFDR
frequencies up to 125 MSPS. The high performance
Trade-Off
and low power consumption of the ADS614X are
• Parallel CMOS and Double Data Rate (DDR)
combined in a compact 32 QFN package. An internal
LVDS Output Options
high bandwidth sample and hold and a low jitter clock
buffer help to achieve high SNR and high SFDR even
• Supports Sine, LVCMOS, LVPECL, LVDS Clock
at high input frequencies.
Inputs, and Clock Amplitude Down to 400
mVPP
The ADS614X feature coarse and fine gain options to
improve SFDR performance at lower full-scale analog
• Clock Duty Cycle Stabilizer
input ranges.
• Internal Reference with Support for External
Reference
The digital data outputs are either parallel CMOS or
DDR (Double Data Rate) LVDS. Several features
• No External Decoupling Required for
exist to ease data capture such as — controls for
References
output clock position and output buffer drive strength,
• Programmable Output Clock Position and
LVDS
current,
and
internal
termination
Drive Strength to Ease Data Capture
programmability.
• 3.3-V Analog and 1.8-V to 3.3-V Digital Supply
The output interface type, gain, and other functions
• 32-QFN Package (5 mm × 5 mm)
are programmed using a 3-wire serial interface.
Alternatively, some functions are configured using
• Pin Compatible 12-Bit Family (ADS612X)
dedicated parallel pins so the device powers up to the
desired state.
The ADS614X include internal references while
• Wireless Communications Infrastructure
eliminating traditional reference pins and associated
• Software Defined Radio
external decoupling. External reference mode is also
• Power Amplifier Linearization
supported.
• 802.16d/e
The ADS614X are specified over the industrial
• Test and Measurement Instrumentation
temperature range (–40
°C to 85°C).
• High Definition Video
• Medical Imaging
ADS614X Performance Summary
ADS6145
ADS6144
ADS6143
ADS6142
Fin = 10 MHz (0 dB gain)
90
91
93
95
SFDR, dBc
Fin = 170 MHz (3.5 dB gain)
78
82
83
84
Fin = 10 MHz (0 dB gain)
73.7
74.1
74.5
74.6
SINAD, dBFS
Fin = 170 MHz (3.5 dB gain)
68.6
70.5
70.6
71.5
Power, mW
417
374
318
285
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS6143IRHB25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6143IRHBR TI-ADS6143IRHBR Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBRG4 TI-ADS6143IRHBRG4 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBT TI-ADS6143IRHBT Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBTG4 TI-ADS6143IRHBTG4 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS6143IRHB25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com