Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PINDIODESCHIPS Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # PINDIODESCHIPS
Description  Silicon PIN Chips
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PINDIODESCHIPS Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  PINDIODESCHIPS Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIPS Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIPS Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIPS Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIPS Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIPS Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. PINDIODESCHIPS Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
V20
Silicon PIN Chips
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
CERMACHIP® PIN Chips Specification @ TAMB = +25°C
Part Number
Max. Rev.
Volt.5
VR < 10 µA
VDC
Unless
otherwise noted
Max. Cap.
1 MHz
CJ @ -100 V
pF
Unless
otherwise noted
Max. Series Res.
100 MHz
RS @ 100 mA
Nominal Characteristics
Carrier
Lifetime4
μS
I Region
Length
μm
Theta
°C/W
Anode
Dia.
± 0.5
mils
Chip
size
± 2.0
mils
Chip
Thk.
± 1.0
mils
MA4P303-134
200
0.15 @ 10 V
1.5 @ 10 mA2
0.3
20
30
3.0
13X13
10.0
MA4P404-132
250
0.20 @ 50 V
0.70 @ 50 mA2
0.6
30
20
6.8
20X20
10.0
MA4P504-132
500
0.20
0.60
1
50
20
6.8
20X20
10.0
MA4P505-131
500
0.35
0.45
2
50
14
13.0
27X27
11.0
MA4P506-131
500
0.70
0.30
3
50
11
15.8
27X27
12.0
MA4P604-131
1000
0.30
1.00
3
90
10
17.0
27X27
13.5
MA4P606-131
1000
0.60
0.70
4
90
8
21.0
32X32
14.0
MA4P607-212
1000
1.30
0.40
12
127
4
37.0
62X62
18.5
MA4PK2000-2231
2000
2.40
0.20 @ 500 mA3
30
230
2
72.0
111X111
21.0
MA4PK3000-12521
3000
2.90
0.25 @ 500 mA3
60
350
1.5
85.0
172X172
28.0
MADP-000488-13740W
900
0.16 @ 50V
1.6 @ 50 mA
4
140
45
12.2
23X23
13.5
Notes:
1.
Upon completion of circuit installation, the chip must be covered with a dielectric conformal coating
such as SYLGARD 539® to prevent voltage arcing.
2.
Test Frequency = 500 MHz
3.
Test Frequency = 4 MHz
4.
Nominal carrier lifetime (TL) specified at IF = +10 mA , IREV = - 6 mA.
5.
Minimum specified VR (Reverse Voltage) is sourced and the resultant reverse leakage current (IREV) is
measured to be <10 μA.
Anode


Similar Part No. - PINDIODESCHIPS

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS Datasheet
383Kb / 7P
   Silicon PIN Chips
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
More results

Similar Description - PINDIODESCHIPS

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
PINDIODESCHIP MA-COM-PINDIODESCHIP_15 Datasheet
381Kb / 7P
   Silicon PIN Chips
PINDIODESCHIP MA-COM-PINDIODESCHIP Datasheet
381Kb / 7P
   Silicon PIN Chips
MA4P161-134 MA-COM-MA4P161-134 Datasheet
393Kb / 6P
   Silicon PIN Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
   Silicon PIN Diode Chips
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
Microsemi Corporation
MXP3000 MICROSEMI-MXP3000 Datasheet
29Kb / 1P
   GaAs PIN Photodiode Chips
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
   GaAs PIN Diode Chips
logo
Microsemi Corporation
MXP4000 MICROSEMI-MXP4000 Datasheet
172Kb / 1P
   InGaAs/InP PIN Photodiode Chips
logo
Alpha Industries
CDC7630-000 ALPHA-CDC7630-000 Datasheet
305Kb / 3P
   Silicon Schottky Diode Chips
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com