Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11P-SHF-AA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H11P-SHF-AA
Description  Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H11P-SHF-AA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H11P-SHF-AA Datasheet HTML 1Page - List of Unclassifed Manufacturers H11P-SHF-AA Datasheet HTML 2Page - List of Unclassifed Manufacturers H11P-SHF-AA Datasheet HTML 3Page - List of Unclassifed Manufacturers H11P-SHF-AA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
12345
JST
This 2.5mm pitch connector is used to
connect wires to printed circuit boards.
The header is available in three
configurations: top, side, and bottom entry.
This allows the wires to be perpendicular
or parallel to the printed circuit board in
any direction.
Features ––––––––––––––––––––––––
• Superior folded beam construction
(1) This sturdy construction withstands repeated stress, resists
permanent deformation, and offers a very long service life.
(2) High reliability is ensured whether the contact pressure is
high or low.
(3) This contact design has a large tolerance for variations in
mating post thickness and resists deformation when pried.
• Double-sided contact
(1) The receptacle contact has a protected entry which
eliminates contact damage caused by mismating.
(2) It provides high contact pressure, is free from abnormal
stress, and maintains continuity at all times.
(3) It has an extremely long service life due to its folded beam
design.
• Wide, sturdy post
The post has a large cross-sectional area to resist prying
during insertion into printed circuit boards and mating with
connector housings.
• Molded-in header
The posts are molded into the insulator to provide stability
when mounted on printed circuit boards. This also prevents
flux from entering the connector during soldering.
Specifications –––––––––––––––––––
• Current rating: 3A AC, DC (AWG #22)
• Voltage rating: 250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 15m Ω max.
After environmental testing/ 20m Ω max.
• Insulation resistance: 500M Ω min.
• Withstanding voltage: 1,500V AC/minute
• Applicable wire: AWG #30 to #22
• Applicable PC board thickness: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0RecognizedE60389
1CertifiedLR20812
2J50168090
NH CONNECTOR
Disconnectable Crimp style connectors
2.5mm
pitch
Crimp


Similar Part No. - H11P-SHF-AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11P-SHF-AA ETC2-H11P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results

Similar Description - H11P-SHF-AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com