Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P1200-401T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P1200-401T
Description  High Power PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P1200-401T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4P1200-401T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P1200-401T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P1200-401T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P1200-401T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P1200-401T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P1200-401T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P1200-401T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P1200-401T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4P1200-401T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High Power PIN Diodes
V14
MA4P MELF & HIPAXSeries
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Typical Performance Curves @ TAMB = +25°C
MA4P1200 Series
Series Resistance @ 100 MHz vs. Forward Current
Capacitance vs. Frequency & Reverse Bias
Frequency
Parallel Resistance vs. Frequency & Reverse Bias
Heatsink Temperature vs. Max. Power Dissipation
°C
Heatsink Temperature
pF
MHz
Frequency
MHz
Forward Current


Similar Part No. - MA4P1200-401T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
List of Unclassifed Man...
MA4P1200-401T ETC-MA4P1200-401T Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
Tyco Electronics
MA4P1200-401T MACOM-MA4P1200-401T Datasheet
1Mb / 12P
   MA4P MELF & HIPAX?줤eries
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
2Mb / 13P
   High Power PIN Diodes
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
2Mb / 13P
   High Power PIN Diodes
More results

Similar Description - MA4P1200-401T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM4000 MICROSEMI-UM4000_09 Datasheet
505Kb / 6P
   HIGH POWER PIN DIODES
UM4000 MICROSEMI-UM4000_05 Datasheet
931Kb / 12P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7204B MICROSEMI-UM7204B Datasheet
322Kb / 7P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P MA-COM-MA4P Datasheet
2Mb / 13P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7000 MICROSEMI-UM7000_09 Datasheet
335Kb / 7P
   HIGH POWER PIN DIODES
logo
Skyworks Solutions Inc.
SMP1324-087LF SKYWORKS-SMP1324-087LF Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
List of Unclassifed Man...
MA4P7006F-1072T ETC-MA4P7006F-1072T Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7000 MICROSEMI-UM7000_05 Datasheet
310Kb / 11P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES_15 Datasheet
1Mb / 12P
   High Power PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com