Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE9Z-D3B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HE9Z-D3B
Description  HE3B Series Pushbutton Assembly Enabling Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HE9Z-D3B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HE9Z-D3B Datasheet HTML 1Page - List of Unclassifed Manufacturers HE9Z-D3B Datasheet HTML 2Page - List of Unclassifed Manufacturers HE9Z-D3B Datasheet HTML 3Page - List of Unclassifed Manufacturers HE9Z-D3B Datasheet HTML 4Page - List of Unclassifed Manufacturers HE9Z-D3B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Safety Products
HE3B Series
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada (888) 317-IDEC
B-45
B
HE3B
Key features include:
• 3 position funtionality (OFF – ON – OFF) as required for manual robotic control
• Provides a high level of safety based on human behavioral studies that deter-
mine personnel may squeeze OR let go when presented with a panic situation
• Contacts will not re-close when released from OffOn (31)
(per IEC60204-1; 9.2.5.8)
• Multiple contacts for enhanced reliability
• Snap acting contacts from position 1 to 2
• Available with or without rubber cover
Conforming to Standards
IEC60947-5-1, EN60947-5-1, JIS C8201-5-1, UL508, CSA C22.2
No 14
Approvals
ISO12100/EN292, IEC60204-1/EN60204-1, ISO11161/prEN11161,
ISO10218/EN775, ANSI/RIA R15.06
Operating Temperature
–25 to +60˚C (no freezing)
Operating Humidity
45 to 85% RH maximum (no condensation)
Storage Temperature
–40 to +80˚C (no freezing)
Pollution Degree
3
Contact Resistance
50m
Ω maximum (beginning stage)
Insulation Resistance
Between live & dead metal parts:
100M
Ω maximum (at 500VDC mega)
Between positive & negative live parts:
100M
Ω minimum (at 500VDC mega)
Impulse Withstand Voltage
1.5kV
Operating Frequency
1200 operations/hour
Mechanical Life
Position 1➔2 1 million minimum
Position 1➔2➔3➔1: 100 thousand minimum
Electrical Life
100,000 minimum at rated load
Shock Resis-
tance
Operating Extremes
100m/s2
Damage Limits
1000m/s2
Vibration Resis-
tance
Operating Extremes
5 to 55Hz, applitude 0.5mm minimum
Damage Limits
16.7Hz, applitude 1.5mm minimum
Terminal
0.110” quick connect / solder terminal
Recommended Wire Size
0.5mm2 maximum / 1 line
Solder Heat Resistance
260°C / 3 seconds maximum
Terminal Pulling Strength
20N minimum
Recommended Screw Torque
0.68 to 0.88N • m
Degree of Protection
with rubber cover: IP65,
without rubber cover: IP40 (IEC 60529),
Conditional Short-Circuit Current
50A (125V)
Recommended Short Circuit Protection
125V/10A fast blow fuse (IEC 60127-1)
Weight
without rubber cover - Approx. 14g
with rubber cover - Approx. 18g
Circuit Opening Force
500N minimum
HE3B Series Pushbutton Assembly Enabling Switch


Similar Part No. - HE9Z-D3B

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
HE900 HVPSI-HE900 Datasheet
67Kb / 2P
   SECONDARY SURGE "LIGHTNING" ARRESTER
logo
Hi-Sincerity Mocroelect...
HE9012 HSMC-HE9012 Datasheet
40Kb / 4P
   PNP EPITAXIAL PLANAR TRANSISTOR
HE9013 HSMC-HE9013 Datasheet
40Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HE9014 HSMC-HE9014 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HE9015 HSMC-HE9015 Datasheet
38Kb / 4P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HE9Z-D3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE5B-M2PB ETC2-HE5B-M2PB Datasheet
417Kb / 4P
   HE5B Series Pushbutton Enabling Switch
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
   ASSEMBLY-PUSHBUTTON SWITCH
4PB642 HONEYWELL-ACC-4PB642 Datasheet
186Kb / 1P
   ASSEMBLY, PUSHBUTTON SWITCH
logo
Honeywell Solid State E...
2PB732-T2 HONEYWELL-2PB732-T2 Datasheet
55Kb / 1P
   ASSEMBLY - PUSHBUTTON SWITCH
logo
Pepperl+Fuchs Inc.
VAA-3E-HH30-J-S-V1 PF-VAA-3E-HH30-J-S-V1 Datasheet
225Kb / 2P
   Enabling switch
2019-01-09
VAZ-HH30-BRACKET PF-VAZ-HH30-BRACKET Datasheet
118Kb / 1P
   Enabling switch accessories
2008-11-13
logo
Molex Electronics Ltd.
1300230001 MOLEX-1300230001 Datasheet
290Kb / 1P
   WOODHEAD ENABLING SWITCH
2019/08/19
logo
E-SWITCH
PB300 E-SWITCH-PB300 Datasheet
1Mb / 3P
   Series Pushbutton Switch
logo
List of Unclassifed Man...
HE6B-M200B ETC2-HE6B-M200B Datasheet
1Mb / 4P
   HE6B 3-position Enabling Switch
logo
Tyco Electronics
2-1437572-6 MACOM-2-1437572-6 Datasheet
105Kb / 1P
   PUSHBUTTON SWITCH TPC13 SERIES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com