Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC189-0162-019 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IC189-0162-019
Description  SOP (Small Outline Packages, Gullwing Leads)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC189-0162-019 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IC189-0162-019 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC189-0162-019 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC189-0162-019 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC189-0162-019 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC189-0162-019 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC189-0162-019 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC189-0162-019 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
43
Test Solutions
Applicable Dimensions
(Small Outline Packages, Gullwing Leads)
Part Number
Pitch
Pin Count
A
B
C
D x E
Type
Note
IC51-0282-673-1
0.55
28
11.80
12.60
13.40
15.0 x 37.0
SOP
CL/FB
IC51-0322-910
0.60
32
14.00
14.60
15.20
17.5 x 39.0
SOP
CL/FB
IC51-1387 KS-15186
0.635
48
7.60
9.40
10.30
21.0 x 35.0
SOP
CL/S
IC51-0562-1387
0.635
56
7.60
9.40
10.30
21.0 x 35.0
SOP
CL/S
0.55 / 0.6 / 0.635mm Pitch
IC51-778 A104194-001
0.65
8
4.40
5.60
6.40
16.0 x 32.0
SOP
CL/S
IC51-0162-778
0.65
16
4.40
5.60
6.40
16.0 x 32.0
SOP
CL/S
IC51-0162-911
0.65
16
4.40
5.60
6.40
16.0 x 32.0
SOP
CL/FB
IC51-0242-1341
0.65
16
4.40
5.60
6.40
16.0 x 32.0
SOP
CL/S
IC51-755 KS-7514
0.65
16
5.60
6.70
7.60
16.0 x 32.0
SOP
CL/S
IC189-0202-038 *
0.65
20
6.10
-
8.10
24.0 x 22.5
SOP
OT
IC51-0202-779
0.65
20
4.40
5.60
6.40
16.0 x 32.0
SOP
CL/S
IC51-0202-912
0.65
20
4.40
5.60
6.40
16.0 x 32.0
SOP
CL/FB
IC51-755 KS-7631
0.65
20
5.60
6.70
7.60
16.0 x 32.0
SOP
CL/S
IC189-0242-081P
0.65
24
6.10
-
7.70
13.6 x 21.5
SOP
OT
IC51-0242-761
0.65
24
5.60
6.70
7.60
16.0 x 32.0
SOP
CL/S
IC51-0242-913
0.65
24
5.60
6.70
7.60
16.0 x 32.0
SOP
CL/FB
IC51-755 KS-13330
0.65
28
5.60
6.70
7.60
16.0 x 32.0
SOP
CL/S
IC51-0302-755
0.65
30
5.60
6.70
7.60
16.0 x 32.0
SOP
CL/S
IC189-0302-121
0.65
30
6.10
-
8.10
22.0 x 24.0
SOP
OT
IC51-0302-914
0.65
30
5.60
6.70
7.60
16.0 x 32.0
SOP
CL/FB
IC189-0382-037 *
0.65
38
6.10
-
8.10
24.0 x 22.5
SOP
OT
IC51-0402-1347
0.65
40
5.50
6.70
7.80
16.0 x 32.0
SOP
CL/S
IC51-0402-1396
0.65
40
6.30
7.20
8.20
16.0 x 32.0
SOP
CL/S
IC189-0482-047N
0.65
48
8.00
-
10.00
24.0 x 22.5
SOP
OT
IC51-0482-1163
0.65
48
7.60
9.60
10.16
21.0 x 36.0
SOP
CL/S
0.65mm Pitch
IC51-0122-1836
0.8
12
4.40
5.90
6.40
14.0 x 32.4
SOP
CL/S
IC51-0162-748
0.8
16
4.40
5.70
6.40
20.0 x 31.5
SOP
CL/S
IC51-0242-308
0.8
24
5.40
6.20
7.20
32.0 x 38.5
SOP
CL/FB
IC51-0242-577
0.8
24
7.80
9.30
10.00
22.0 x 32.5
SOP
CL/S
IC51-0362-309
0.8
36
8.40
11.00
12.10
32.0 x 38.5
SOP
FB
IC189-0422-025*-*
0.8
42
8.40
-
11.93
25.0 x 25.4
SOP
OT
IC51-0422-393
0.8
42
8.40
11.00
12.10
32.0 x 38.0
SOP
FB
IC51-0482-1009-2
0.8
48
13.70
15.10
16.00
28.0 x 42.5
SOP
FB
IC51-0502-1708
0.8
50
10.16
11.00
11.80
26.0 x 36.5
SOP
CL/S
IC189-0542-088 *
0.8
54
10.16
-
11.76
24.9 x 29.8
SOP
OT
IC189-0542-093 *
0.8
54
10.16
-
11.76
24.9 x 29.8
SOP
OT
IC51-0562-2144
0.8
56
13.30
15.15
16.00
22.0 x 48.5
SOP
CL/S
IC189-0622-084*-*
0.8
62
16.00
-
18.00
31.46 x 34.60
SOP
OT
IC189-0642-007 *-*
0.8
64
12.00
-
14.25
27.35 x 34.10
SOP
OT
IC189-0642-069 *-*
0.8
64
10.70
-
14.10
27.05 x 33.80
SOP
OT
IC189-0702-074 *
0.8
70
12.64
-
15.90
29.3 x 37.0
SOP
OT
IC51-0702-1965
0.8
70
12.80
14.90
15.90
36.0 x 42.0
SOP
CL/S
IC51-0442-1709
0.8
44 (50)
10.20
11.00
11.80
26.0 x 36.5
SOP
CL/S
0.80mm Pitch
IC51-0242-310-1
1.00
24
4.5
5.2
6.0
18.0 x 28.5
SOP
CL/S
IC51-0322-948
1.00
32
8.2
10.5
11.8
20.0 x 32.0
SOP
CL/S
IC51-0342-741
1.00
34
7.8
7.9
9.4
22.0 x 35.0
SOP
CL/S
IC51-0142-951
1.25
14
4.4
5.2
5.9
24.0 x 27.5
SOP
CL/S
1.25mm Pitch
1.00mm Pitch


Similar Part No. - IC189-0162-019

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC182-4007-MF YAMAICHI-IC182-4007-MF Datasheet
95Kb / 1P
   Zig-Zag Inline Package (ZIP)
IC182-4007-MF-P YAMAICHI-IC182-4007-MF-P Datasheet
95Kb / 1P
   Zig-Zag Inline Package (ZIP)
More results

Similar Description - IC189-0162-019

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
logo
Yamaichi Electronics Co...
IC51-0484-806 YAMAICHI-IC51-0484-806 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
TT Electronics.
OPIA500B TTELEC-OPIA500B Datasheet
1Mb / 23P
   SMD and SOP Packages
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
   plastic thin shrink small outline package; 8 leads;
logo
TT Electronics.
OPIA401 TTELEC-OPIA401 Datasheet
2Mb / 31P
   SMD, SOP and SSOP Packages
logo
ACCUTEK MICROCIRCUIT CO...
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
   Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
logo
ACCUTEK MICROCIRCUIT CO...
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
   Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com