Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55110IVZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL55110IVZ-T
Description  Dual, High Speed MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110IVZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL55110IVZ-T Datasheet HTML 1Page - Intersil Corporation ISL55110IVZ-T Datasheet HTML 2Page - Intersil Corporation ISL55110IVZ-T Datasheet HTML 3Page - Intersil Corporation ISL55110IVZ-T Datasheet HTML 4Page - Intersil Corporation ISL55110IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL55110IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL55110IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL55110IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL55110IVZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL55110, ISL55111
4
FN6228.7
May 30, 2014
Submit Document Feedback
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VH to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14.0V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5V
VIN-A, VIN-B, PD, ENABLE . . . . . . . . . . . . . . . . (GND - 0.5V) to (VDD + 0.5V)
OA, OB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.5) to (VH + 0.5V)
Maximum Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Recommended Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Drive Supply Voltage (VH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 13.2V
Logic Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Ambient Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Thermal Resistance
JA (°C/W) JC (°C/W)
16 Ld (4x4) QFN Package (Notes 5, 6) . . .
45
3.0
8 Ld TSSOP Package (Notes 4, 7) . . . . . . .
140
46
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For
JC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications VH = +12V, VDD = 2.7V to 5.5V, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNITS
LOGIC CHARACTERISTICS
VIX_LH
Logic Input Threshold - Low-to-High
lIH = 1µA: VIN-A, VIN-B
1.32
1.42
1.52
V
VIX_HL
Logic Input Threshold - High-to-Low
lIL = 1µA: VIN-A, VIN-B
1.12
1.22
1.32
V
VHYS
Logic Input Hysteresis
VIN-A, VIN-B
0.2
V
VIH
Logic Input High Threshold
PD
2.0
VDD
V
VIL
Logic Input Low Threshold
PD
0
0.8
V
VIH
Logic Input High Threshold
ENABLE - QFN only
2.0
VDD
V
VIL
Logic Input Low Threshold
ENABLE - QFN only
0
0.8
V
IIX_H
Input Current Logic High
VIN-A,VIN-B = VDD
10
20
nA
IIX_L
Input Current Logic Low
VIN-A, VIN-B = 0V
10
20
nA
II_H
Input Current Logic High
PD = VDD
10
20
nA
II_L
Input Current Logic Low
PD = 0V
10
15
nA
II_H
Input Current Logic High
ENABLE = VDD (QFN only)
12
µA
II_L
Input Current Logic Low
ENABLE = 0V (QFN only)
-25
nA
DRIVER CHARACTERISTICS
rDS
Driver Output Resistance
OA, OB
3
6
IDC
Driver Output DC Current (>2s)
100
mA
IAC
Peak Output Current
Design Intent; verified via
simulation.
3.5
A
VOH to VOL
Driver Output Swing Range
OA or OB = “1”, Voltage
referenced to GND
313.2
V
SUPPLY CURRENTS
IDD
Logic Supply Quiescent Current
PD = Low
4.0
6.0
mA


Similar Part No. - ISL55110IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55110IVZ INTERSIL-ISL55110IVZ Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IVZ INTERSIL-ISL55110IVZ Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IVZ INTERSIL-ISL55110IVZ Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110IVZ INTERSIL-ISL55110IVZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110IVZ RENESAS-ISL55110IVZ Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
More results

Similar Description - ISL55110IVZ-T

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com