Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55110 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL55110
Description  Dual, High Speed MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL55110 Datasheet HTML 1Page - Intersil Corporation ISL55110 Datasheet HTML 2Page - Intersil Corporation ISL55110 Datasheet HTML 3Page - Intersil Corporation ISL55110 Datasheet HTML 4Page - Intersil Corporation ISL55110 Datasheet HTML 5Page - Intersil Corporation ISL55110 Datasheet HTML 6Page - Intersil Corporation ISL55110 Datasheet HTML 7Page - Intersil Corporation ISL55110 Datasheet HTML 8Page - Intersil Corporation ISL55110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL55110, ISL55111
2
FN6228.7
May 30, 2014
Submit Document Feedback
Pin Configurations
ISL55110
(16 LD QFN)
TOP VIEW
ISL55111
(16 LD QFN)
TOP VIEW
ISL55110
(8 LD TSSOP)
TOP VIEW
ISL55111
(8 LD TSSOP)
TOP VIEW
16
15
14
13
OB
GND
VH
OA
1
2
3
4
12
11
10
9
VDD
ENABLE
PD
IN-B
5678
EP
16
15
14
13
OB
GND
VH
OA
1
2
3
4
12
11
10
9
VDD
ENABLE
PD
IN-B
5678
EP
6
7
8
5
1
2
3
4
VDD
PD
IN-B
IN-A
OB
VH
OA
GND
6
7
8
5
1
2
3
4
VDD
PD
IN-B
IN-A
OB
VH
OA
GND
Pin Descriptions
16 LD QFN
8 LD TSSOP
PIN
FUNCTION
11
VDD
Logic power.
10
6
VH
Driver high rail supply.
11
7
GND
Ground, return for both VH rail and VDD logic supply. This is also the potential of the QFN’s exposed
pad (EP).
3
2
PD
Power-down. Active logic high places part in power-down mode.
2-
ENABLE
QFN Packages Only. When the ENABLE pin is low, the device will operate normally (outputs controlled
by the inputs). When the ENABLE pin is tied high, the output will be tri-stated. In other words, it will
act as if it is open or floating regardless of what is on the IN-x pins. This provides high-speed enable
control over the driver outputs.
5
4
IN-A
Logic level input that drives OA to VH rail or ground. Not inverted.
4
3
IN-B, IN-B
Logic level input that drives OB to VH rail or ground. Not inverted on ISL55110, inverted on ISL55111.
95
OA
Driver output related to IN-A.
12
8
OB
Driver output related to IN-B.
6, 7, 8, 13, 14,
15, 16
-NC
No internal connection.
EP
-
EP
Exposed thermal pad. Connect to GND, and follow good thermal pad layout guidelines.


Similar Part No. - ISL55110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
More results

Similar Description - ISL55110

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com