Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC51-0282-474 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IC51-0282-474
Description  SOP (Small Outline Packages, Gullwing Leads)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC51-0282-474 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IC51-0282-474 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC51-0282-474 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC51-0282-474 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC51-0282-474 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC51-0282-474 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC51-0282-474 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC51-0282-474 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
45
Test Solutions
IC51-0202-714
1.27
20
7.60
9.30
10.30
18.0 x 32.0
SOP
CL/FB
IC51-0202-932-1
1.27
20
5.30
6.50
7.20
15.5 x 26.0
SOP
CL/S
IC51-334 KS-13574
1.27
20
7.50
9.40
10.30
18.0 x 32.0
SOP
CL/S
IC51-0222-803
1.27
22
5.50
6.00
6.60
16.5 x 29.0
SOP
CL/S
IC189-0242-040 *
1.27
24
7.15
-
10.30
24.0 x 22.5
SOP
OT
IC51-0242-303-1
1.27
24
5.30
7.30
8.00
18.0 x 28.5
SOP
CL/S
IC51-0242-367-1
1.27
24
9.40
10.43
11.20
18.0 x 32.5
SOP
CL/S
IC51-0242-793
1.27
24
5.50
7.10
8.00
18.5 x 29.0
SOP
CL/S
IC51-0242-980
1.27
24
5.20
7.20
7.90
18.5 x 32.5
SOP
CL/FB
IC51-334 KS-6411
1.27
24
7.50
9.40
10.30
22.0 x 32.5
SOP
CL/S
IC51-0262-1339
1.27
26
7.60
8.40
9.20
23.0 x 35.5
SOP
CL/FB
IC189-0282-042 *
1.27
28
7.15
-
10.30
24.0 x 22.5
SOP
OT
IC51-0282-165
1.27
28
7.40
8.40
9.40
40.0 x 50.0
SOP
CL/S
IC51-0282-334-1
1.27
28
7.50
9.40
10.30
22.0 x 32.5
SOP
CL/S
IC51-0282-474
1.27
28
8.45
11.10
12.00
22.0 x 32.5
SOP
CL/S
IC51-0282-474-2
1.27
28
8.45
10.70
12.00
22.0 x 32.5
SOP
CL/S
IC51-0282-986
1.27
28
7.60
9.60
10.30
23.0 x 35.5
SOP
CL/FB
IC51-0302-371-1
1.27
30
7.80
9.60
10.30
24.0 x 32.5
SOP
CL/S
IC51-0302-904
1.27
30
7.80
9.20
10.30
24.0 x 32.5
SOP
CL/S
IC189-0322-004 *-*
1.27
32
11.40
-
14.10
27.2 x 26.5
SOP
OT
IC189-0322-005 *-*
1.27
32
11.00
-
14.00
27.2 x 27.5
SOP
OT
IC51-0322-304-2
1.27
32
8.40
11.00
12.00
24.0 x 32.5
SOP
CL/S
IC51-0322-667
1.27
32
11.60
13.10
14.00
26.0 x 33.0
SOP
CL/S
IC51-0322-667-2
1.27
32
11.60
13.10
14.00
26.0 x 33.0
SOP
CL/S
IC51-0322-937
1.27
32
8.80
10.90
12.00
26.0 x 31.5
SOP
CL/S
IC51-0322-950
1.27
32
11.30
13.00
15.00
28.0 x 42.5
SOP
CL/FB
IC51-0402-1197
1.27
40
10.90
12.90
13.70
20.0 x 52.0
SOP
CL/S
IC51-0402-991
1.27
40
11.60
13.00
14.00
30.0 x 34.5
SOP
CL/S
IC189-0442-065 *
1.27
44
13.20
-
16.00
29.11 x 34.10
SOP
OT
IC51-0442-1208
1.27
44
12.80
14.70
15.60
22.0 x 55.0
SOP
CL/S
IC51-0442-1315
1.27
44
13.00
15.00
15.80
33.0 x 40.5
SOP
CL/FB
IC51-0442-1536
1.27
44
13.40
14.70
15.60
22.0 x 55.0
SOP
CL/S
Applicable Dimensions
(Small Outline Packages, Gullwing Leads)
1.27mm Pitch
Part Number
Pitch
Pin
Count
IC Dimensions
Socket
Dimensions
D x E
Body
A
Lid Size
IC and Socket
B (max.)
Tip-to-Tip
C
Special
Note
Package
Type


Similar Part No. - IC51-0282-474

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC51-0284-399 YAMAICHI-IC51-0284-399 Datasheet
128Kb / 3P
   Plastic Lead Chip Carrier (PLCC)
More results

Similar Description - IC51-0282-474

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
logo
Yamaichi Electronics Co...
IC51-0484-806 YAMAICHI-IC51-0484-806 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
TT Electronics.
OPIA500B TTELEC-OPIA500B Datasheet
1Mb / 23P
   SMD and SOP Packages
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
   plastic thin shrink small outline package; 8 leads;
logo
TT Electronics.
OPIA401 TTELEC-OPIA401 Datasheet
2Mb / 31P
   SMD, SOP and SSOP Packages
logo
ACCUTEK MICROCIRCUIT CO...
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
   Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
logo
ACCUTEK MICROCIRCUIT CO...
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
   Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com