Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMI21T-900Y-N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CMMI21T-900Y-N
Description  SMD Common Mode Choke
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMMI21T-900Y-N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CMMI21T-900Y-N Datasheet HTML 1Page - List of Unclassifed Manufacturers CMMI21T-900Y-N Datasheet HTML 2Page - List of Unclassifed Manufacturers CMMI21T-900Y-N Datasheet HTML 3Page - List of Unclassifed Manufacturers CMMI21T-900Y-N Datasheet HTML 4Page - List of Unclassifed Manufacturers CMMI21T-900Y-N Datasheet HTML 5Page - List of Unclassifed Manufacturers CMMI21T-900Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers CMMI21T-900Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers CMMI21T-900Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers CMMI21T-900Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SMD Common Mode Choke – CMMI Series
Electrical Characteristics
Part Number
Impedance
(Ω)
Test Frequency
(MHz)
Tolerance
(±%)
Idc
(mA) Max
Rated Voltage
(Vdc)
Rdc
(Ω) Max
Insulation Resistance
(MΩ) Min
CMMI21T-500Y-N
50
100
25
500
50
0.20
10
CMMI21T-670Y-N
67
100
25
500
50
0.30
10
CMMI21T-900Y-N
90
100
25
330
50
0.30
10
CMMI21T-121Y-N
120
100
25
330
50
0.35
10
CMMI21T-131Y-N
130
100
25
300
50
0.40
10
When ordering, please specify tolerance and packaging codes
Tolerance : Y = ±25%
Packaging : Clear tape and reel { standard }
Z : HP4286A / HP4287A / Agilent E4991A + Agilent16197A
Rdc(single line) :CH502BC
Idc : HP4284A+HP42841A/HP4285A+HP42841A
Insulation Resistance : Agilent HP4339B
Operating temperature range from -40℃ to 105℃. (Including self - temperature rise )
Test Instruments:HP4291A Material/Impedance Analyzer
Typical Impedance vs. Frequency
0.1
1
10
100
1000
1
10
100
1000
10000
FREQUENCY(MHz)
COMMON MODE
NORMAL MODE
670
900
121
670
900
121
500
500
131
131


Similar Part No. - CMMI21T-900Y-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM ETC2-CMM Datasheet
192Kb / 3P
   SMD Common Mode Choke
CMM-10 ETC-CMM-10 Datasheet
192Kb / 2P
   2.0 TO 20.0 GHz GAAS MMIC POWER AMPLIFIER
logo
Extech Instruments Corp...
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
   Process Calibrator MultiMeter
CMM-17-S EXTECH-CMM-17-S Datasheet
253Kb / 1P
   Process Calibrator MultiMeter
logo
List of Unclassifed Man...
CMM-2 ETC1-CMM-2 Datasheet
485Kb / 4P
   2.0 TO 6.0 GHz GaAs MMIC AMPLIFIER
More results

Similar Description - CMMI21T-900Y-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM ETC2-CMM Datasheet
192Kb / 3P
   SMD Common Mode Choke
logo
Allied Components Inter...
ACM6460 ALLIED-ACM6460 Datasheet
308Kb / 1P
   SMD Common Mode Choke
logo
Central Technologies
CTCM01F CT-CTCM01F Datasheet
331Kb / 1P
   SMD Common Mode Choke
CTDLW21SHQF CT-CTDLW21SHQF Datasheet
331Kb / 1P
   SMD Common Mode Choke
logo
RENCO ELECTRONICS, INC.
RL-9250 RENCO-RL-9250 Datasheet
1Mb / 2P
   SMD COMMON MODE CHOKE
logo
Abracon Corporation
ACM21 ABRACON-ACM21 Datasheet
151Kb / 1P
   SMD COMMON MODE CHOKE
logo
Bourns Electronic Solut...
PM3700 BOURNS-PM3700 Datasheet
314Kb / 2P
   SMD Common Mode Choke
PM3700-10-RC BOURNS-PM3700-10-RC Datasheet
239Kb / 2P
   SMD Common Mode Choke
logo
Allied Components Inter...
ACMC-4461 ALLIED-ACMC-4461 Datasheet
610Kb / 1P
   SMD Common Mode Choke
logo
Shanghai Leiditech Elec...
LDWI LEIDITECH-LDWI Datasheet
1Mb / 11P
   SMD Common Mode Choke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com