Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYK100N120C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXYK100N120C3
Description  1200V XPTTM IGBTs GenX3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYK100N120C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXYK100N120C3 Datasheet HTML 1Page - IXYS Corporation IXYK100N120C3 Datasheet HTML 2Page - IXYS Corporation IXYK100N120C3 Datasheet HTML 3Page - IXYS Corporation IXYK100N120C3 Datasheet HTML 4Page - IXYS Corporation IXYK100N120C3 Datasheet HTML 5Page - IXYS Corporation IXYK100N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYK100N120C3
IXYX100N120C3
V
CES
= 1200V
I
C110
= 100A
V
CE(sat)
≤≤≤≤≤ 3.5V
t
fi(typ)
= 110ns
DS100404A(03/13)
High-Speed IGBT
for 20-50 kHz Switching
Features
Optimized for Low Switching Losses
Square RBSOA
Positive Thermal Coefficient of
Vce(sat)
Avalanche Rated
High Current Handling Capability
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
1200
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 150°C
1.25 mA
I
GES
V
CE = 0V, VGE = ±20V
±100 nA
V
CE(sat)
I
C
= I
C110, VGE = 15V, Note 1
2.9
3.5
V
T
J = 150°C
4.1
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
1200
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1MΩ
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C (Chip Capability)
188
A
I
LRMS
Terminal Current Limit
160
A
I
C110
T
C
= 110°C
100
A
I
CM
T
C
= 25°C, 1ms
490
A
I
A
T
C
= 25°C
50
A
E
AS
T
C
= 25°C
1.2
J
SSOA
V
GE = 15V, TVJ = 150°C, RG = 1Ω
I
CM = 200
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
P
C
T
C
= 25°C
1150
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
1200V XPTTM IGBTs
GenX3TM
G = Gate
E
= Emitter
C = Collector
Tab = Collector
TO-264 (IXYK)
E
G
C
PLUS247 (IXYX)
G
Tab
Tab
E
C
G
Preliminary Technical Information


Similar Part No. - IXYK100N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYK100N120B3 IXYS-IXYK100N120B3 Datasheet
212Kb / 6P
   Preliminary Technical Information
IXYK100N120B3 IXYS-IXYK100N120B3 Datasheet
212Kb / 6P
   Preliminary Technical Information
More results

Similar Description - IXYK100N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
   GenX3 1200V IGBTs
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
214Kb / 6P
   1200V XPTTM IGBTs GenX3TM
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
   GenX3 1200V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
   GenX3 1200V IGBTs w/ Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com