Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67540NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # 67540NL
Description  Reduces radiated EMI emissions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

67540NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  67540NL Datasheet HTML 1Page - Pulse A Technitrol Company 67540NL Datasheet HTML 2Page - Pulse A Technitrol Company 67540NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G002.P (12/12)
2
pulseelectronics.com
Surface Mount
Common Mode Chokes
Suited for LAN and Telecom Applications
PE-65854NL
PE-65855NL
PE-65857NL, PE-67540NL
PE-68627NL
Mechanicals
Schematics
8
5
1
4
DATE CODE
COUNTRY OF
ORIGIN
.340
8,64
MAX
.285
7,24
.100
2,54
.360
9,14
MAX
SUGGESTED PAD LAYOUT
.300
7,62
.100
2,54
.270
6,86
.070
1,78
.050
1,27
.098
2,50
MAX
.004/0,100
8 Surfaces
PE-65854NL
PE-65855NL
PE-XXXXXNL
Data Code
COUNTRY OF ORIGIN
85
4
1
SUGGESTED LAND PATTERN
MAX
MIN
.004
8 SURFACES
0°~8°
15,24
.600 MAX
11,68
.460
12,10
.475 MAX
0,76
.030
7,62
.300
1,02
.040
15,75
.620
12,19
.480
8,64
.340
7,62
.300
2,54
.100
0,05
.002
0,89
.035
8
5
1
4
DATE CODE
COUNTRY OF
ORIGIN
.345
8,76
MAX
.285
7,24
.100
2,54
SUGGESTED PAD LAYOUT
.300
7,62
.100
2,54
.270
6,86
.070
1.78
.050
1,27
MAX
.355
9,02
.207
5,26
MAX
.004/0,100
8 Surfaces
PE-68627NL
Weight .....................0.3 grams
Tape & Reel ...............1500/reel
Tube ..............................60/tray
Weight ....................0.69 grams
Tape & Reel .................800/reel
Tube ..............................40/tray
Weight ....................0.3 grams
Tape & Reel ..............1500/reel
Tube .............................55/tray
Weight ....................2.0 grams
Tape & Reel ...............250/reel
Tube ............................40/tray
Dimensions:
Unless otherwise specified,
all tolerances are ±
Dimensions:
Unless otherwise specified,
all tolerances are ±
Dimensions:
Unless otherwise specified,
all tolerances are ±
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
Inches
mm
Inches
mm
Inches
mm
.010
0,25
.010
0,25
.010
0,25
.010
0,25
27
45
36
18
14
23
3
6
4
5
1
8
2
7
3
6
4
5
1
8
2
7
PE-65857NL
3
6
4
5
1
8
2
7
PE-67540NL


Similar Part No. - 67540NL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6754 ETC2-6754 Datasheet
469Kb / 4P
   RELIABLE HARD GLASS MINIATURE FULL-WAVE RECTIFIER
logo
Pomona Electronics
6754 POMONA-6754 Datasheet
170Kb / 1P
   BNC (F/M/F) Adapter, In-Line, 75 廓
logo
PHOENIX CONTACT
6754 PHOENIX-6754 Datasheet
226Kb / 11P
   Inline Modular position detection terminal, input for magnetostrictive position transducers with START/STOP interface
logo
TE Connectivity Ltd
6754483-1 TEC-6754483-1 Datasheet
239Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
6754483-2 TEC-6754483-2 Datasheet
239Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 67540NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-67531NL PULSE-PE-67531NL Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
logo
Lowpower Semiconductor ...
LPA8302 POWER-LPA8302 Datasheet
856Kb / 14P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2150 POWER-LPA2150 Datasheet
834Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
Maxim Integrated Produc...
MAX98304EVKIT MAXIM-MAX98304EVKIT Datasheet
600Kb / 6P
   Filterless Operation Passes Radiated Emissions with 60cm of Speaker Cable
19-5609; Rev 0; 10/10
logo
Cypress Semiconductor
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
   Reduces Systemic EMI
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
   LVDS Reduces EMI
logo
Cypress Semiconductor
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
   Reduces Systemic EMI.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com