Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2777NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PA2777NL
Description  1500VDC isolation between Gate and Drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2777NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PA2777NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2777NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2777NL Datasheet HTML 3Page - Pulse A Technitrol Company PA2777NL Datasheet HTML 4Page - Pulse A Technitrol Company PA2777NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
pulseelectronics.com
SMT Gate Drive Transformers
>1500VDC Basic and Functional Insulation
SPM2007 (04/14)
PA2777NL
PA3493NL
Mechanicals
Schematics
(continued)
115
6.3
8X 0.76
4.45
3X 1.27
8X 1.52
6.22
6.3mm MAX
4.06±.25mm
7.4mm MAX
.15
5.9mm MAX
0.127
8X 0.89mm
8X 0.508mm
3X 1.27mm
SUGGESTED LAND PATTERN
TOP VIEW
BOTTOM VIEW
FINAL OUTLINE
DATE CODE
CTRY OF MFG
_ _ _ _ _ _ _ _ _ _ _ _ _ _
_ _ _ _ _ _ _ _ _ _ _ _ _ _
mm
mm
mm
mm
mm
mm
mm
mm
mm
SUGGESTED FOOTPRINT
1
3
6
4
6
1
3
4
Weight .............................0.31 grams
Tape & Reel .........................1250/reel
Tube ......................................50/tube
Dimension:
Weight .............................0.32 grams
Tape & Reel ..........................850/reel
Tube ......................................120/tube
Dimension:
mm
mm
0,25
0,25
Unless otherwise specified, all tolerances are ±
Unless otherwise specified, all tolerances are ±


Similar Part No. - PA2777NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2777NL PULSE-PA2777NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA2777NL PULSE-PA2777NL Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PA2777NL PULSE-PA2777NL Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA2777NL PULSE-PA2777NL Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
More results

Similar Description - PA2777NL

ManufacturerPart #DatasheetDescription
logo
E&E Magnetic Products L...
834-00002F EEMAGNETIC-834-00002F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
834-00012F EEMAGNETIC-834-00012F Datasheet
368Kb / 6P
   1500Vdc Isolation between Gate and Drive
834-00032F EEMAGNETIC-834-00032F Datasheet
115Kb / 2P
   High Isolation between Gate and Drive
logo
Texas Instruments
PT4840-48V TI1-PT4840-48V Datasheet
247Kb / 14P
[Old version datasheet]   1500VDC Isolation
logo
Pulse A Technitrol Comp...
PA0297 PULSE-PA0297 Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS 1500VDC Basic and Operational Insulation
logo
AIMTEC
AM3TW-NZ AIMTEC-AM3TW-NZ Datasheet
174Kb / 3P
   Input / Output Isolation 1500VDC
AM8T-I-Z AIMTEC-AM8T-I-Z Datasheet
384Kb / 4P
   Input/output Isolation voltage 1500VDC
AM8TW-I-Z AIMTEC-AM8TW-I-Z Datasheet
151Kb / 4P
   Input/Output Isolation voltage 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
logo
Pulse A Technitrol Comp...
PH9572.XXXNL PULSE-PH9572.XXXNL Datasheet
443Kb / 2P
   High Isolation Gate Drive Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com