Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4633 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 4633
Description  Relampable Indicator Light
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

4633 Datasheet(HTML) 1 Page - Visual Communications Company

  4633 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
4611 Series Relampable Indicator Light
Description and Features
Ordering Information:
For use with T-1 3/4 wedge-based lamps, complete assembly consists of
socket (4611) lamp and lens (see chart below). Items supplied unassembled.
Lamp lens and socket must be ordered separately.
Mounting: Model 4611 (threaded) supplied with zinc finished hex nut and
internal tooth lock washer. Mounting hole pattern on page SP2.
Lens: Polycarbonate, twist-on, positively held
Bezel: Polished stainless steel.
Socket: Black Nylon
All dimensions
in inches.
4623
4622
4621
Round Lens No.
Amber
Clear
Red
Color
Lens Color Table
4633
4624
White
4634
4632
4631
4627
4626
4625
Yellow
Blue
Green
4637
4636
4635
Flat Lens No.
Ø.310
.470
Ø.500
Ø.310
.310
3/8-24 UNEF
.470
.560
.130
.280
FLAT LENS
ROUND LENS
TERMINALS
.110


Similar Part No. - 4633

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
463310-2 TEC-463310-2 Datasheet
671Kb / 26P
   AMP-O-MATIC Side-Feed Stripper-Crimper
463310-3 TEC-463310-3 Datasheet
671Kb / 26P
   AMP-O-MATIC Side-Feed Stripper-Crimper
463310-4 TEC-463310-4 Datasheet
671Kb / 26P
   AMP-O-MATIC Side-Feed Stripper-Crimper
463310-5 TEC-463310-5 Datasheet
671Kb / 26P
   AMP-O-MATIC Side-Feed Stripper-Crimper
463310-6 TEC-463310-6 Datasheet
671Kb / 26P
   AMP-O-MATIC Side-Feed Stripper-Crimper
More results

Similar Description - 4633

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
3062 VCC-3062 Datasheet
65Kb / 1P
   Relampable Incandescent Indicator Light
logo
Chicago Miniature Lamp,...
5200-222 CML-5200-222 Datasheet
30Kb / 1P
   Miniature Relampable Indicator Light
3062 CML-3062 Datasheet
219Kb / 1P
   Relampable Incandescent Indicator Light
logo
Visual Communications C...
2802 VCC-2802 Datasheet
115Kb / 1P
   Relampable Incandescent Indicator Light
2803 VCC-2803 Datasheet
115Kb / 1P
   Relampable Incandescent Indicator Light
logo
Chicago Miniature Lamp,...
2330D CML-2330D Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Light
2620K CML-2620K Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Light
logo
Visual Communications C...
2620T VCC-2620T Datasheet
63Kb / 1P
   Non-Relampable Neon Indicator Light
1050QN VCC-1050QN Datasheet
69Kb / 1P
   Non-Relampable Neon Indicator Light
2620QK VCC-2620QK Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com