Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5381H5 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5381H5
Description  T-1 3/4 Vertical LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5381H5 Datasheet(HTML) 1 Page - Visual Communications Company

  5381H5 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
.240
.130 MIN.
IDE NT IF IC AT ION.
F LAT F OR C AT HODE (-)
.450
T Y P .
.020 S Q.
.100
Ø.200
C AT HODE (-)
.100
LE D T -1 3/4
.240
C AT HODE (-)
All dimensions in inches.
Features
• Blockmounting, low profile design, height & space
alignment-saves assembly costs.
• SuperBriteLEDs
• Standoffs prevent flux entrapment.
• Low current-only 2mA needed.
• Built-in resistor chip-operates directly off 5 Volt
supply without external resistor.
Housing: BlackNylon,UL94V-O
Note: Alternate LEDs are also available
in this package as a standard variation.
Refer to “Mounting Hole Pattern 2.pdf”
5381 Series T-1 3/4 Vertical LED Assembly
Description and Featuresv
5
5
5
5
3.0
3.0
3.0
3.0
Yellow
Green
Amber
Red
(V)
Max.
Reverse
Breakdown
VoltageMin.
(V)
Emitted
Colo
ForwardVoltage
r
PartNumber
5381H1
5381H3
5381H5
5381H7
Typical
Intensity
(mcd)
6.3
10
10
10
10
10
10
10
Rated
Current
(mA )
5
5
5
5
7.5
2.7
2.2
2.2
Red
Yellow
Green
Red
5381H1LC
5381H5LC
5381H7LC
5381H1-5V
2.3
2.3
2.1
8
10
2.0
2.0
2.0
5
7.5
Ambe r
5381H3-5V
8
10
585
563
608
650
(nm)
Wavelength
Pea k
635
583
565
635
583
5
7.5
2.1
2.2
2.0
2.0
(V)
Typ.
5
1.9
1.8
1.8
5
5
1.0
.09
1.0
1.0
PeakForward
Current@
1ms-300PPS
(A)
-
.007
.007
.007
-
-
60
60
60
60
Continuous
Forward
CurrentMax.
(mA)
15
7
7
7
15
15
Green
5381H3-5V
8
10
565
Electro-Optical Characteristics and Ratings


Similar Part No. - 5381H5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5381H5 CML-5381H5 Datasheet
25Kb / 1P
   T-1 3/4 Vertical LED Assembly
5381H5LC CML-5381H5LC Datasheet
25Kb / 1P
   T-1 3/4 Vertical LED Assembly
More results

Similar Description - 5381H5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5332H1 CML-5332H1 Datasheet
25Kb / 1P
   T-1 3/4 Vertical LED Assembly
5340H1 CML-5340H1 Datasheet
46Kb / 1P
   T-1 3/4 Vertical LED Assembly
5381H1 CML-5381H1 Datasheet
25Kb / 1P
   T-1 3/4 Vertical LED Assembly
5331H CML-5331H Datasheet
26Kb / 1P
   T-1 3/4 Vertical LED Assembly
logo
Visual Communications C...
5332 VCC-5332 Datasheet
111Kb / 1P
   T-1 3/4 Vertical LED Assembly
5340 VCC-5340 Datasheet
113Kb / 1P
   T-1 3/4 Vertical LED Assembly
logo
Chicago Miniature Lamp,...
5300E1 CML-5300E1 Datasheet
21Kb / 1P
   T-1 3/4 Right Angle LED Assembly
5307H1 CML-5307H1 Datasheet
21Kb / 1P
   T-1 3/4 Right Angle LED Assembly
logo
IDEA.lnc.
G64XB IDEA-G64XB Datasheet
27Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
G63XB IDEA-G63XB Datasheet
35Kb / 1P
   T-1-3/4, Right-Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com