Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMA9N Datasheet(PDF) 3 Page - Rohm

Part # UMA9N
Description  PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMA9N Datasheet(HTML) 3 Page - Rohm

  UMA9N Datasheet HTML 1Page - Rohm UMA9N Datasheet HTML 2Page - Rohm UMA9N Datasheet HTML 3Page - Rohm UMA9N Datasheet HTML 4Page - Rohm UMA9N Datasheet HTML 5Page - Rohm UMA9N Datasheet HTML 6Page - Rohm UMA9N Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
UMA9N / FMA9A
lElectrical characteristic curves
(Ta = 25°C)
0
-10
-20
-30
-40
-50
0
-5
-10
-
100μA
0A
-
120μA
-
140μA
-
160μA
-
180μA
-
200μA
-
220μA
-
240μA
-
260μA
-
280μA
-
300μA
II=
Ta=25ºC
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO [A]
Fig.2 Output current vs. input voltage
(OFF characteristics)
INPUT VOLTAGE : VI(off)[V]
Fig.3 Output current vs. output voltage
OUTPUT VOLTAGE : VO [V]
Fig.4 DC current gain vs. output current
OUTPUT CURRENT : IO [A]
3/6
2012.06 - Rev.B


Similar Part No. - UMA9N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMA9N ROHM-UMA9N Datasheet
62Kb / 2P
   Digital transistor (Common Emitter Dual Transistors)
logo
Jiangsu Changjiang Elec...
UMA9N JIANGSU-UMA9N Datasheet
1Mb / 4P
   Dual Digital Transistors
More results

Similar Description - UMA9N

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB10T2R ROHM-EMB10T2R Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMB10AT110 ROHM-IMB10AT110 Datasheet
526Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMB2N ROHM-UMB2N_12 Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA5AT148 ROHM-FMA5AT148 Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com