Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQB8P10TM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQB8P10TM
Description  P-Channel QFET짰 MOSFET -100 V, -8.0 A, 185 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB8P10TM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQB8P10TM Datasheet HTML 1Page - Fairchild Semiconductor FQB8P10TM Datasheet HTML 2Page - Fairchild Semiconductor FQB8P10TM Datasheet HTML 3Page - Fairchild Semiconductor FQB8P10TM Datasheet HTML 4Page - Fairchild Semiconductor FQB8P10TM Datasheet HTML 5Page - Fairchild Semiconductor FQB8P10TM Datasheet HTML 6Page - Fairchild Semiconductor FQB8P10TM Datasheet HTML 7Page - Fairchild Semiconductor FQB8P10TM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Package Marking and Ordering Information
©2000 Fairchild Semiconductor Corporation
FQB8P10 Rev. C1
www.fairchildsemi.com
2
Part Number
Top Mark
Package
Reel Size
Tape Width
Quantity
FQB8P10
FQB8P10TM
D2-PAK
330 mm
24 mm
800 units
Packing Method
Tape and Reel
Electrical Characteristics T
C = 25°C unless otherwise noted.
Notes:
1. Repetitive rating : pulse-width limited by maximum junction temperature.
2. L = 3.5 mH, IAS = -8.0 A, VDD = -25 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ -8.0 A, di/dt ≤ 300 A/µs , VDD ≤ BVDSS, starting TJ = 25°C .
4. Essentially independent of operating temperature.
(Note 4
)
(Note 4
)
Symbol
Parameter
Test Conditions
Min
.
Typ
.
Max
.
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 μA
-100
--
--
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = -250 μA, Referenced to 25°C
--
-0.1
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -100 V, VGS = 0 V
--
--
-1
μA
VDS = -80 V, TC = 150°C
--
--
-10
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 μA
-2.0
--
-4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -4.0 A
--
0.41
0.53
Ω
gFS
Forward Transconductance
VDS = -40 V, ID = -4.0 A
--
4.3
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
360
470
pF
Coss
Output Capacitance
--
120
155
pF
Crss
Reverse Transfer Capacitance
--
30
40
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -50 V, ID = -8.0 A,
RG = 25 Ω
--
11
30
ns
tr
Turn-On Rise Time
--
110
230
ns
td(off)
Turn-Off Delay Time
--
20
50
ns
tf
Turn-Off Fall Time
--
35
80
ns
Qg
Total Gate Charge
VDS = -80 V, ID = -8.0 A,
VGS = -10 V
--
12
15
nC
Qgs
Gate-Source Charge
--
3.0
--
nC
Qgd
Gate-Drain Charge
--
6.4
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-8.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-32
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -8.0 A
--
--
-4.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -8.0 A,
dIF / dt = 100 A/μs
--
98
--
ns
Qrr
Reverse Recovery Charge
--
0.35
--
μC


Similar Part No. - FQB8P10TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB8P10 FAIRCHILD-FQB8P10 Datasheet
667Kb / 9P
   100V P-Channel MOSFET
More results

Similar Description - FQB8P10TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQT5P10TF FAIRCHILD-FQT5P10TF Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -1.0 A, 1.05 廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
FQU17P06TU FAIRCHILD-FQU17P06TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQD5P10TF FAIRCHILD-FQD5P10TF Datasheet
527Kb / 8P
   P-Channel QFET짰 MOSFET -100 V, -3.6 A, 1.05?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com