Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7N20LTM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQD7N20LTM
Description  N-Channel QFET짰 MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N20LTM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQD7N20LTM Datasheet HTML 1Page - Fairchild Semiconductor FQD7N20LTM Datasheet HTML 2Page - Fairchild Semiconductor FQD7N20LTM Datasheet HTML 3Page - Fairchild Semiconductor FQD7N20LTM Datasheet HTML 4Page - Fairchild Semiconductor FQD7N20LTM Datasheet HTML 5Page - Fairchild Semiconductor FQD7N20LTM Datasheet HTML 6Page - Fairchild Semiconductor FQD7N20LTM Datasheet HTML 7Page - Fairchild Semiconductor FQD7N20LTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 12. Gate Charge Test Circuit & Waveform
Figure 13. Resistive Switching Test Circuit & Waveforms
Figure 14. Unclamped Inductive Switching Test Circuit & Waveforms
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
EAS =L IAS2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS2
----
2
1
EAS =L IAS2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
t
p
VGS
VGS
IG = const.
©2004 Fairchild Semiconductor Corporation
FQD7N20L Rev. C1
www.fairchildsemi.com
5


Similar Part No. - FQD7N20LTM

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - FQD7N20LTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQU2N100TU FAIRCHILD-FQU2N100TU Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com