Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD10N20L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQD10N20L
Description  N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD10N20L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQD10N20L Datasheet HTML 1Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 2Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 3Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 4Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 5Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 6Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 7Page - Fairchild Semiconductor FQD10N20L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.fairchildsemi.com
3
Typical Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
-1
10
0
10
1
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
02
0
0
4
10
10
-1
10
0
10
1
150℃
25℃
-55℃
※ Notes :
1. V
DS = 30V
2. 250μs Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
0
10
1
10
-1
10
0
10
1
V
GS
Top :
10 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom :
3.0 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
10
V
DS, Drain-Source Voltage [V]
0
5
10
15
20
25
0.0
0.4
0.8
1.2
1.6
※ Note : T
J = 25
V
GS = 5V
V
GS = 10V
I
D , Drain Current [A]
0
4
8
12
16
20
24
0
2
4
6
8
10
12
V
DS = 100V
V
DS = 40V
V
DS = 160V
※ Note : I
D = 10 A
Q
G, Total Gate Charge [nC]
10
-1
0
10
1
0
300
600
900
1200
1500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
10
V
DS, Drain-Source Voltage [V]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
6
8
©2000 Fairchild Semiconductor Corporation
FQD10N20L Rev. C1


Similar Part No. - FQD10N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
576Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
937Kb / 9P
   N-Channel QFET MOSFET
FQD10N20L FAIRCHILD-FQD10N20L Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
VBsemi Electronics Co.,...
FQD10N20L VBSEMI-FQD10N20L Datasheet
1,010Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
More results

Similar Description - FQD10N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
logo
Kersemi Electronic Co.,...
KSMU10N20C KERSEMI-KSMU10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m廓
logo
Fairchild Semiconductor
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FQT4N20LTF FAIRCHILD-FQT4N20LTF Datasheet
2Mb / 8P
   N-Channel QFET짰 MOSFET 200 V, 0.85 A, 1.40 廓
logo
Kersemi Electronic Co.,...
KSMD10N20C KERSEMI-KSMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
KEMD10N20C KERSEMI-KEMD10N20C Datasheet
2Mb / 6P
   N-Channel MOSFET 200 V, 7.8 A, 360 m
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com