Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3HD-201-S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 3HD-201-S
Description  3mm (T1) Package Discrete LED RED, Extended Profile
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3HD-201-S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  3HD-201-S Datasheet HTML 1Page - List of Unclassifed Manufacturers 3HD-201-S Datasheet HTML 2Page - List of Unclassifed Manufacturers 3HD-201-S Datasheet HTML 3Page - List of Unclassifed Manufacturers 3HD-201-S Datasheet HTML 4Page - List of Unclassifed Manufacturers 3HD-201-S Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision B 04/09
Page 4 of 5
Bivar reserves the right to make changes at any time without notice.
3mm (T1) Package Discrete LEDs
AMBER, Super Bright
3mm (T1) Package Discrete LED
AMBER, Super Bright
3mm (T1) Package Discrete LED
GREEN, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Ultra Bright
3mm (T1) Package Discrete LED
TURQUOISE, Ultra Bright
3mm (T1) Package Discrete LED
BLUE, Low Current
3mm (T1) Package Discrete LED
GREEN, Low Current
3mm (T1) Package Discrete LED
YELLOW, Low Current
3mm (T1) Package Discrete LED
AMBER, 5V
3mm (T1) Package Discrete LED
GREEN, 12V
3mm (T1) Package Discrete LED
BLUE, Extended Profile
35°
20°
3mm (T1) Package Discrete LED
GREEN, Extended Profile
3mm (T1) Package Discrete LED
YELLOW, Extended Profile
3mm (T1) Package Discrete LED
AMBER, Extended Profile
3mm (T1) Package Discrete LED
RED, Extended Profile
Typical Electrical / Optical Characteristics
TA = 25°C unless otherwise noted
40
30
0
20
10
40
20
0
-20
100
50
20
10
Fig. 5 Forward Current vs. Temperature
Fig. 6 Relative Intensity (%) vs. Temperature
@ 20 mA
T (°C)
If(mA)
T (°C)
Iv (%)
40
20
10
.01
30
2.8
2.4
2.0
1.6
1.2
100
1
10
1
100
10
1000
Fig. 3 Relative Intensity (10mA) vs.
Forward Voltage
Fig. 4 Relative Luminous Intensity (%) vs.
Forward Current
Vf (V)
Iv
If (mA)
Iv (%)
1.0
0.5
0.0
550
600
650
750
Fig. 1 Relative Luminous Intensity vs. Wavelength
@ 20mA
λ(nm)
Iv
Fig. 2 Directivity Radiation Diagram
0.2
0.6
0.4
0.5
0.3
0.1
90°
70°
80°
10°
60°
50°
40°
20°
30°
1000
700
80 100
60
200
400
60
40
20
0
100
80
50
3.0
50


Similar Part No. - 3HD-201-S

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3HD-F BIVAR-3HD-F Datasheet
432Kb / 5P
   3mm (T1) Package Discrete LED AMB
Revision C 06/15
3HD-S BIVAR-3HD-S Datasheet
432Kb / 5P
   3mm (T1) Package Discrete LED AMB
Revision C 06/15
More results

Similar Description - 3HD-201-S

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3RX-X BIVAR-3RX-X Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED RED
Revision D 08/19
3RX5V-X BIVAR-3RX5V-X Datasheet
425Kb / 5P
   3mm (T1) Package Discrete LED RED, 5V
Revision B 06/15
3URC-X BIVAR-3URC-X Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED RED, Ultra Bright
Revision D 08/19
3SRX-X BIVAR-3SRX-X Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED RED, Super Bright
Revision D 08/19
3SURC-X BIVAR-3SURC-X Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED RED, Ultra Bright
Revision B 04/09
3RDL-X BIVAR-3RDL-X Datasheet
423Kb / 5P
   3mm (T1) Package Discrete LED RED, Low Current
Revision C 06/15
3BC-X BIVAR-3BC-X Datasheet
575Kb / 6P
   3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision C 02/11
3BC-3-CA-F BIVAR-3BC-3-CA-F Datasheet
585Kb / 6P
   3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision A 03/08
3BC-3-RY-F BIVAR-3BC-3-RY-F Datasheet
519Kb / 6P
   3mm (T1) Package Discrete LED RED/YELLOW, Tri-Color
Revision A 03/08
3SBCC-X BIVAR-3SBCC-X Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision D 08/19
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com