Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVF303010 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LVF303010
Description  Sealed Power Inductors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVF303010 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LVF303010 Datasheet HTML 7Page - List of Unclassifed Manufacturers LVF303010 Datasheet HTML 8Page - List of Unclassifed Manufacturers LVF303010 Datasheet HTML 9Page - List of Unclassifed Manufacturers LVF303010 Datasheet HTML 10Page - List of Unclassifed Manufacturers LVF303010 Datasheet HTML 11Page - List of Unclassifed Manufacturers LVF303010 Datasheet HTML 12Page - List of Unclassifed Manufacturers LVF303010 Datasheet HTML 13Page - List of Unclassifed Manufacturers LVF303010 Datasheet HTML 14Page - List of Unclassifed Manufacturers LVF303010 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Sealed Power Inductors – LVF Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(KHz)
Tolerance
(±%)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVF404018-1R0□-N
1.0
100
20, 30
0.0265
4.2(3.78)
3.8(3.42)
1R0
LVF404018-1R5□-N
1.5
100
20, 30
0.0370
3.5(3.15)
3.2(2.88)
1R5
LVF404018-2R2□-N
2.2
100
20, 30
0.0470
3.0(2.70)
2.7(2.43)
2R2
LVF404018-3R3□-N
3.3
100
20, 30
0.0625
2.3(2.07)
2.1(1.89)
3R3
 When ordering, please specify tolerance and packaging codes
 Tolerance: T = ±30% , M = ±20%
 L : Agilent/HP4284A+ Agilent/HP16334A, 100KHz, 1V
 RDC : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat & Irms : Agilent/HP4284A, 100KHz 1V
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ rise above 25℃ ambient
 Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
DC Current(A)
3R3
2R2
1R5
1R0
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DC Current(A)
3R3
2R2
1R5
1R0


Similar Part No. - LVF303010

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LVF250DIQ4 OKAYA-LVF250DIQ4 Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
logo
RCD COMPONENTS INC.
LVF5-100-B RCD-LVF5-100-B Datasheet
35Kb / 1P
   PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
LVF5-100-C RCD-LVF5-100-C Datasheet
35Kb / 1P
   PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
LVF5-100-D RCD-LVF5-100-D Datasheet
35Kb / 1P
   PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
More results

Similar Description - LVF303010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVS ETC2-LVS Datasheet
542Kb / 16P
   Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMF LEIDITECH-LMF Datasheet
1Mb / 9P
   Sealed Power Inductors
LDW11T LEIDITECH-LDW11T Datasheet
2Mb / 8P
   Sealed Power Inductors
logo
List of Unclassifed Man...
LVH ETC2-LVH Datasheet
305Kb / 6P
   Sealed Power Inductors
LVC ETC2-LVC Datasheet
509Kb / 10P
   Sealed Power Inductors
LVT ETC2-LVT Datasheet
626Kb / 14P
   Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMS LEIDITECH-LMS Datasheet
1Mb / 14P
   Sealed Power Inductors
LDW21T LEIDITECH-LDW21T Datasheet
1Mb / 6P
   Sealed Power Inductors
LDW31T LEIDITECH-LDW31T Datasheet
1Mb / 6P
   Sealed Power Inductors
logo
C&K Components
PT CK-COMPONENTS-PT Datasheet
541Kb / 4P
   Sealed Power Toggle Switch
22 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com