Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVF404018 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # LVF404018
Description  Sealed Power Inductors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVF404018 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LVF404018 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVF404018 Datasheet HTML 6Page - List of Unclassifed Manufacturers LVF404018 Datasheet HTML 7Page - List of Unclassifed Manufacturers LVF404018 Datasheet HTML 8Page - List of Unclassifed Manufacturers LVF404018 Datasheet HTML 9Page - List of Unclassifed Manufacturers LVF404018 Datasheet HTML 10Page - List of Unclassifed Manufacturers LVF404018 Datasheet HTML 11Page - List of Unclassifed Manufacturers LVF404018 Datasheet HTML 12Page - List of Unclassifed Manufacturers LVF404018 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Sealed Power Inductors – LVF Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(MHz)
Tolerance
(±%)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVF404012-3R3□-N
3.3
1
20, 30
0.072
1.52(1.36)
2.10(1.89)
3R3
LVF404012-100□-N
10
1
20, 30
0.190
0.90(0.81)
1.20(1.08)
100
 When ordering, please specify tolerance and packaging codes
 Tolerance: T = ±30% , M = ±20%
 L : Agilent/HP4287A+ Agilent/HP16197A, 1MHz 200mV
 RDC : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat & Irms : Agilent/HP4284A, 1MHz 200mV
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ rise above 25℃ ambient
 Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
2
4
6
8
10
12
00.511.5
22.53
DC Current(A)
3R3
100
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
3
DC Current(A)
3R3
100


Similar Part No. - LVF404018

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
LVF-Q OKAYA-LVF-Q Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
LVF250DIQ4 OKAYA-LVF250DIQ4 Datasheet
110Kb / 1P
   SURGE PROTECTIVE DEVICES
logo
RCD COMPONENTS INC.
LVF5-100-B RCD-LVF5-100-B Datasheet
35Kb / 1P
   PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
LVF5-100-C RCD-LVF5-100-C Datasheet
35Kb / 1P
   PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
LVF5-100-D RCD-LVF5-100-D Datasheet
35Kb / 1P
   PRECISION 4-TERMINAL RESISTORS, 2- TO 20-WATT CERAMIC ENCASED
More results

Similar Description - LVF404018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVS ETC2-LVS Datasheet
542Kb / 16P
   Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMF LEIDITECH-LMF Datasheet
1Mb / 9P
   Sealed Power Inductors
LDW11T LEIDITECH-LDW11T Datasheet
2Mb / 8P
   Sealed Power Inductors
logo
List of Unclassifed Man...
LVH ETC2-LVH Datasheet
305Kb / 6P
   Sealed Power Inductors
LVC ETC2-LVC Datasheet
509Kb / 10P
   Sealed Power Inductors
LVT ETC2-LVT Datasheet
626Kb / 14P
   Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMS LEIDITECH-LMS Datasheet
1Mb / 14P
   Sealed Power Inductors
LDW21T LEIDITECH-LDW21T Datasheet
1Mb / 6P
   Sealed Power Inductors
LDW31T LEIDITECH-LDW31T Datasheet
1Mb / 6P
   Sealed Power Inductors
logo
C&K Components
PT CK-COMPONENTS-PT Datasheet
541Kb / 4P
   Sealed Power Toggle Switch
22 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com