Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEI201610A-1R0M-Q8 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HEI201610A-1R0M-Q8
Description  Molding Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEI201610A-1R0M-Q8 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  HEI201610A-1R0M-Q8 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEI201610A-1R0M-Q8 Datasheet HTML 2Page - List of Unclassifed Manufacturers HEI201610A-1R0M-Q8 Datasheet HTML 3Page - List of Unclassifed Manufacturers HEI201610A-1R0M-Q8 Datasheet HTML 4Page - List of Unclassifed Manufacturers HEI201610A-1R0M-Q8 Datasheet HTML 5Page - List of Unclassifed Manufacturers HEI201610A-1R0M-Q8 Datasheet HTML 6Page - List of Unclassifed Manufacturers HEI201610A-1R0M-Q8 Datasheet HTML 7Page - List of Unclassifed Manufacturers HEI201610A-1R0M-Q8 Datasheet HTML 8Page - List of Unclassifed Manufacturers HEI201610A-1R0M-Q8 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Molding Power Inductors – HEI Series
Packaging Specifications
Tape Dimensions
Tape Material
Reel Dimensions
Dimensions in mm
Tape Dimensions
Reel Dimensions
Quantity
TYPE
A
B
T
W
P
F
K
A
B
C
D
PCS / REEL
201208A
1.45
2.25
0.22
8
4
3.5
1.04
178
60
12
1.5
3000
201210A
1.50
2.25
0.22
8
4
3.5
1.15
178
60
12
1.5
3000
201610A
1.80
2.20
0.22
8
4
3.5
1.15
178
60
12
1.5
3000
252010A
2.25
2.80
0.22
8
4
3.5
1.35
178
60
12
1.5
3000
252012A
2.25
2.80
0.22
8
4
3.5
1.35
178
60
12
1.5
3000
322510A
2.80
3.55
0.23
8
4
3.5
1.20
178
60
12
1.5
3000
322512A
2.80
3.50
0.23
8
4
3.5
1.34
178
60
12
1.5
3000


Similar Description - HEI201610A-1R0M-Q8

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LML0420AA LINKCOM-LML0420AA Datasheet
111Kb / 5P
   Molding power Inductors
logo
Pulse A Technitrol Comp...
BDQQ PULSE-BDQQ Datasheet
536Kb / 3P
   Molding Power Inductors
logo
Superworld Electronics
SDM129N SUPERWORLD-SDM129N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
logo
Shanghai Leiditech Elec...
LHCH252012A LEIDITECH-LHCH252012A Datasheet
790Kb / 6P
   This specification applies to Molding power inductors
logo
Superworld Electronics
SDM109N SUPERWORLD-SDM109N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
   MOLDING TYPE DIP INDUCTORS
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
   Molding Power Choke
logo
Shenzhen Codaca Electro...
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
   Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com