Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHCI04012-R47M-R8 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MHCI04012-R47M-R8
Description  Molding Power Choke
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCI04012-R47M-R8 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MHCI04012-R47M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCI04012-R47M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCI04012-R47M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCI04012-R47M-R8 Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCI04012-R47M-R8 Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCI04012-R47M-R8 Datasheet HTML 9Page - List of Unclassifed Manufacturers MHCI04012-R47M-R8 Datasheet HTML 10Page - List of Unclassifed Manufacturers MHCI04012-R47M-R8 Datasheet HTML 11Page - List of Unclassifed Manufacturers MHCI04012-R47M-R8 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCI05020-1R0M-R8
1.0
20
100
6.0
7.0
30
MHCI05020-1R5M-R8
1.5
20
100
5.5
6.5
35
MHCI05020-2R2M-R8
2.2
20
100
4.0
6.0
45
MHCI05020-3R3M-R8
3.3
20
100
3.5
5.5
60
MHCI05020-4R7M-R8
4.7
20
100
3.0
5.0
90
MHCI05020-5R6M-R8
5.6
20
100
2.8
4.5
120
MHCI05020-6R8M-R8
6.8
20
100
2.8
4.5
125
MHCI05020-100M-R8
10
20
100
2.3
4.0
180
 Irms
DC current (A) that will cause an approximate ΔT of 40℃
 Isat
DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:
WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
23
45
6
7
89
10
DC Current (A)
3R3
2R2
1R5
1R0
4R7
5R6
6R8
100
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
01
234
56
78
DC Current (A)
3R3
2R2
1R5
1R0
4R7
5R6
6R8
100


Similar Part No. - MHCI04012-R47M-R8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MHCI04020-100M-R8 LEIDITECH-MHCI04020-100M-R8 Datasheet
2Mb / 7P
   This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-1R0M-R8 LEIDITECH-MHCI04020-1R0M-R8 Datasheet
2Mb / 7P
   This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-1R5M-R8 LEIDITECH-MHCI04020-1R5M-R8 Datasheet
2Mb / 7P
   This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-2R2M-R8 LEIDITECH-MHCI04020-2R2M-R8 Datasheet
2Mb / 7P
   This specification applies to large current and low loss SMD shielding power inductor.
MHCI04020-3R3M-R8 LEIDITECH-MHCI04020-3R3M-R8 Datasheet
2Mb / 7P
   This specification applies to large current and low loss SMD shielding power inductor.
More results

Similar Description - MHCI04012-R47M-R8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
   Molding Power Choke
logo
Shenzhen Codaca Electro...
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
   Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
VSEB0530H CODACA-VSEB0530H Datasheet
746Kb / 5P
   Molding Power Choke
07/14/2020
VSEB0730H CODACA-VSEB0730H Datasheet
752Kb / 5P
   Molding Power Choke
07/14/2020
CSAB107050 CODACA-CSAB107050 Datasheet
707Kb / 5P
   Molding Power Choke
07/14/2020
CSAB1265A CODACA-CSAB1265A Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
logo
List of Unclassifed Man...
MHCB ETC2-MHCB Datasheet
257Kb / 3P
   Molding Power Choke
MHCD ETC2-MHCD Datasheet
442Kb / 9P
   Molding Power Choke
logo
Shenzhen Codaca Electro...
CSAB0750 CODACA-CSAB0750 Datasheet
975Kb / 10P
   Molding Power Choke
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com