Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVS808040L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LVS808040L
Description  Sealed Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVS808040L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LVS808040L Datasheet HTML 7Page - List of Unclassifed Manufacturers LVS808040L Datasheet HTML 8Page - List of Unclassifed Manufacturers LVS808040L Datasheet HTML 9Page - List of Unclassifed Manufacturers LVS808040L Datasheet HTML 10Page - List of Unclassifed Manufacturers LVS808040L Datasheet HTML 11Page - List of Unclassifed Manufacturers LVS808040L Datasheet HTML 12Page - List of Unclassifed Manufacturers LVS808040L Datasheet HTML 13Page - List of Unclassifed Manufacturers LVS808040L Datasheet HTML 14Page - List of Unclassifed Manufacturers LVS808040L Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Sealed Power Inductors - LVS Series
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
DC Current (A)
101
680
470
330
220
150 100
6R8
1R8
1R0
Tem perature Change vs. DC Curent
0
10
20
30
40
50
60
70
80
01
23
45
6
7
8
DC Current (A)
680
.
4R5
470
3R0
330
2R3
220
1R8
1R0
150
100
101
6R8


Similar Part No. - LVS808040L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVS10056A100030 ETC1-LVS10056A100030 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
LVS10056A100300 ETC1-LVS10056A100300 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
LVS10056A100301 ETC1-LVS10056A100301 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
LVS10056A300030 ETC1-LVS10056A300030 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
LVS10056A300300 ETC1-LVS10056A300300 Datasheet
476Kb / 6P
   Chip varistor provides high reliability on surface mounting
More results

Similar Description - LVS808040L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVF ETC2-LVF Datasheet
623Kb / 17P
   Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMF LEIDITECH-LMF Datasheet
1Mb / 9P
   Sealed Power Inductors
LDW11T LEIDITECH-LDW11T Datasheet
2Mb / 8P
   Sealed Power Inductors
logo
List of Unclassifed Man...
LVH ETC2-LVH Datasheet
305Kb / 6P
   Sealed Power Inductors
LVC ETC2-LVC Datasheet
509Kb / 10P
   Sealed Power Inductors
LVT ETC2-LVT Datasheet
626Kb / 14P
   Sealed Power Inductors
logo
Shanghai Leiditech Elec...
LMS LEIDITECH-LMS Datasheet
1Mb / 14P
   Sealed Power Inductors
LDW21T LEIDITECH-LDW21T Datasheet
1Mb / 6P
   Sealed Power Inductors
LDW31T LEIDITECH-LDW31T Datasheet
1Mb / 6P
   Sealed Power Inductors
logo
C&K Components
PT CK-COMPONENTS-PT Datasheet
541Kb / 4P
   Sealed Power Toggle Switch
22 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com