Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA60S1500A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # AA60S1500A
Description  60W Single AC/DC Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA60S1500A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  AA60S1500A Datasheet HTML 1Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 2Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 3Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 4Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 5Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 6Page - Delta Electronics, Inc. AA60S1500A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS_AA60S_04082014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P2
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.2
±1.0
%
Load Regulation
Iout=Min. to Max.
---
±0.5
±1.0
%
Ripple & Noise (20MHz)
5.1VDC Output Models
---
2.0
3.0
%VPP of
V
o
Other Output Models
---
1.0
1.3
%VPP of
V
o
Minimum Load
---
10
---
%Inom.
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Transient Response Deviation
(Iout=100% to Iout=50%)
±3
±6
%
Temperature Coefficient
---
±0.02
---
%/
Overshoot
---
---
5
% Vout
Current Limitation
Foldback, auto-recovery
105
---
---
%Inom.
(long term overload condition may cause damage)
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
Input to Output, 60 Seconds
3000
---
---
VACrms
I/O Isolation Resistance
500 VDC
100
---
---
Switching Frequency
---
100
---
KHz
Hold-up Time
---
20
---
ms
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
125,000
---
---
Hours
EMC Emission
Conducted and radiated
EN 55011 class B, EN 55022 class B, FCC part 15 class B
EMC Immunity according
EN61000-6-1
Standard
Specification Requirement
Performance
Criteria
EN61000-4-2
Air ±8KV Cont. ±4KV
B
EN61000-4-3
80~1000MHz, 10V/m 80% AM, 1KHz modulation
A
EN61000-4-4
AC port ±2KV DC, SL, TL ±2KV not less than 1
min.
B
EN61000-4-5
1.2/50
μS(8/20μS) AC dif. ±1KV DC ±0.5KV
B
EN61000-4-6
0.15~80MHz, 10Vrms (functional earth ports
included)
B
80% AM, 1KHz modulation
EN61000-4-8
50Hz/60Hz, 30A/m
A
EN61000-4-11
30%, 10ms
B
60%, 100ms, 95%, 5000ms
C
Protection Class II
According IEC/EN 60536
Safety Approvals
cUL/UL 60950-1,IEC/EN 60950-1
UL508 approval
Input Fuse
All Models
Built-in Fuse
6A / 250VAC
External Fuse (Recommended)
3A Slow
– Blow Type


Similar Part No. - AA60S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA60S1500A DELTA-AA60S1500A Datasheet
324Kb / 6P
   60W Single AC/DC Power Module
More results

Similar Description - AA60S1500A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA60S DELTA-AA60S Datasheet
324Kb / 6P
   60W Single AC/DC Power Module
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60_16 Datasheet
369Kb / 4P
   AC/DC Power Module 60W
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
MRWI60C MINMAX-MRWI60C_15 Datasheet
720Kb / 6P
   DC/DC Power Module 60W
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60_13 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
logo
MicroPower Direct, LLC
MPE-60S MPD-MPE-60S Datasheet
229Kb / 2P
   Single Output, 60W Compact, Enclosed AC/DC Power Supplies
logo
Total Power Internation...
T-60 TOTAL-POWER-T-60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
Mean Well Enterprises C...
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com