Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250R120-RA Datasheet(PDF) 3 Page - Littelfuse

Part # 250R120-RA
Description  POLY-FUSE Resettable PTCs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-RA Datasheet(HTML) 3 Page - Littelfuse

  250R120-RA Datasheet HTML 1Page - Littelfuse 250R120-RA Datasheet HTML 2Page - Littelfuse 250R120-RA Datasheet HTML 3Page - Littelfuse 250R120-RA Datasheet HTML 4Page - Littelfuse 250R120-RA Datasheet HTML 5Page - Littelfuse 250R120-RA Datasheet HTML 6Page - Littelfuse 250R120-RA Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
99
Revised: August 31, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
Protection Application Guide
Region/Specification
Application
Device Selection
South America/Asia/Europe
ITU K.45
Remote terminal
Repeaters
250R180
250R180T
250R145
250R145T
250R120
250R120T
South America/Asia/Europe
ITU K.21
Customer and IT equipment
Analog modems
Phone sets, PBX systems
Internet appliances
POS terminals
250R180
250R180T
250R145
250R145T
250R120
250R120T
South America/Asia/Europe
ITU K.20
Central Office
POTS/ISDN linecards
CSU/DSU
250R180
250R180T
250R145
250R145T
250R120
250R120T
North America Telcordia
GR-974
MDF modules
Network interface
250R180
250R180T
250R145
250R145T
250R120
250R120T
South America/Asia/Europe
ITU K.20
North America Telcordia
GR-1089
250R180
250R180T
250R145
250R145T
250R120
250R120T
South America/Asia/Europe
ITU K.20 and K.21
Protection
250R080
Agency Specification Selection Guide For Telecom and Networking Applications
Product
Lightning
Power Cross
250R120
250R145
250R180


Similar Part No. - 250R120-RA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R120-RA LITTELFUSE-250R120-RA Datasheet
378Kb / 6P
   POLYFUSE Resettable PTCs Radial Leaded
250R120-RA LITTELFUSE-250R120-RA Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
250R120-RA LITTELFUSE-250R120-RA Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
250R120-RA LITTELFUSE-250R120-RA Datasheet
267Kb / 7P
   POLYFUSE짰 Resettable PTCs
250R120-RA LITTELFUSE-250R120-RA Datasheet
729Kb / 7P
   The 250R Series is designed to protect against short duration high voltage fault currents
More results

Similar Description - 250R120-RA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L075PR LITTELFUSE-1812L075PR Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
2016L LITTELFUSE-2016L Datasheet
768Kb / 5P
   POLY-FUSE Resettable PTCs
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com