Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD1004 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SCD1004
Description  SMD Unshielded Power Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCD1004 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SCD1004 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD Unshielded Power Inductors - SCD Series
Standard Specifications
Isat (A) Max
Stamp
Inductance
(
H)
SCD
03011
SCD
03015
SCD
03021
SCD
0403
SCD
0501
SCD
0502
SCD
0503
SCD
0504
SCD
0506
SCD
0703
SCD
0705
SCD
0706
SCD
1004
SCD
1005
SCD
1006
R15
0.15
7.5
1R0
1.0
1.80
2.080
3.80
4.00
4.50
4.50
1R2
1.2
4.20
1R4
1.4
1.860
3.30
3.60
4.00
3.70
1R5
1.5
1.44
4.10
1R8
1.8
1.800
2.91
3.00
3.30
3.70
3.70
2R2
2.2
1.26
0.79
1.390
2.60
2.65
2.94
3.50
2R7
2.7
1.320
2.43
2.20
2.50
3.20
3.70
3R3
3.3
1.08
1.250
2.15
2.11
2.35
2.80
3R9
3.9
1.00
1.200
1.98
2.00
2.20
2.60
3.70
4R7
4.7
0.90
0.65
1.130
1.70
1.80
2.00
2.50
3.50
2.60
5R6
5.6
0.76
0.910
1.60
1.60
1.80
2.40
3.30
6R8
6.8
0.68
0.850
1.41
1.50
1.70
2.20
3.10
4.33
8R2
8.2
0.63
0.820
1.26
1.30
1.40
2.00
2.70
100
10
0.56
0.45
0.740
1.15
1.10
1.20
1.80
1.44
1.44
2.30
2.38
2.60
120
12
0.52
0.640
1.05
1.05
1.18
1.75
1.40
1.39
2.00
2.13
2.45
150
15
0.50
0.30
0.600
0.92
1.00
1.15
1.70
1.30
1.24
1.80
2.8
1.87
2.27
180
18
0.46
0.540
0.84
0.95
1.10
1.60
1.23
1.12
1.60
1.73
2.15
220
22
0.36
0.25
0.500
0.76
0.90
1.00
1.50
1.11
1.6
1.07
1.50
1.60
1.95
270
27
0.30
0.430
0.71
0.77
0.86
1.40
0.97
0.94
1.30
1.44
1.76
330
33
0.28
0.20
0.400
0.64
0.68
0.76
1.10
0.88
0.85
1.20
2.3
1.26
1.50
390
39
0.26
0.370
0.59
0.67
0.75
1.00
0.80
0.74
1.10
1.20
1.37
470
47
0.25
0.17
0.360
0.54
0.66
0.73
0.90
0.72
0.68
1.10
1.10
1.28
500
50
0.24
0.330
0.61
560
56
0.23
0.310
0.50
0.50
0.55
0.85
0.68
0.64
0.94
1.01
1.17
680
68
0.20
0.13
0.300
0.46
0.47
0.52
0.80
0.61
0.59
0.85
0.91
1.11
750
75
0.18
0.290
0.46
820
82
0.17
0.280
0.45
0.50
0.65
0.58
0.54
0.78
0.85
1.00
101
100
0.10
0.250
0.40
0.36
0.40
0.60
0.52
0.51
0.72
0.74
0.97
121
120
0.200
0.38
0.32
0.36
0.58
0.48
0.49
0.66
0.69
0.89
151
150
0.190
0.30
0.270
0.30
0.43
0.40
0.40
0.58
0.61
0.78
181
180
0.170
0.25
0.230
0.26
0.41
0.38
0.36
0.51
0.56
0.72
221
220
0.160
0.15
0.220
0.25
0.38
0.35
0.31
0.49
0.53
0.66
271
270
0.140
0.190
0.21
0.35
0.29
0.29
0.42
0.45
0.57
301
300
0.180
331
330
0.21
0.16
0.18
0.28
0.28
0.28
0.40
0.42
0.52
391
390
0.150
0.16
0.26
0.26
0.36
0.38
0.48
461
460
0.140
471
470
0.135
0.15
0.20
0.12
0.34
0.35
0.42
561
560
0.130
0.14
0.19
0.10
0.32
0.33
681
680
0.13
0.18
0.08
0.28
821
820
0.07
0.15
0.05
0.24
102
1000
0.05
0.13
0.03
122
1200
152
1500
602
6000
0.27
822
8200
0.20
Tolerance Of Inductors
 SCD03011
1.0 ~ 82
H ± 20%
 SCD0506
22
H ± 20%
 SCD03015
2.2 ~ 100
H ± 20%
 SCD0703
10 ~ 27
H ± 20%
33 ~ 330
H ±10%
 SCD03021
1.0 ~ 270
H ± 20%
 SCD0705
1.4 ~ 27
H ± 20%
33 ~ 470
H ±10%
 SCD0403
0.15 ~ 27
H ± 20%
33 ~ 100
H ±10%
 SCD0706
15
H ± 20%
33
H ±10%
 SCD0501
1.0 ~ 27
H ± 20%
33 ~ 560
H ±10%
 SCD1004
10 ~ 27
H ± 20%
33 ~ 560
H ±10%
 SCD0502
1.0 ~ 27
H ± 20%
33 ~ 1000
H ±10%
 SCD1005
4.7 ~ 27
H ± 20%
33 ~ 820
H ±10%
 SCD0503
1.0 ~ 27
H ± 20%
33 ~ 1000
H ±10%
 SCD1005
4.7 ~ 27uH ± 20%
33 ~820uH ± 10%
 SCD0504
1.0~27
H±20% 33~47H ±15%
56~1000
H±10%
 SCD1006
6000
H ~8200H±20%
Tolerance: K = ±10% , M = ±20%
※ This indicates the value of current when the inductance is 10% lower than its initial value at D.C superposition or D.C current when at
t = 40°
whichever is lower


Similar Part No. - SCD1004

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
SCD100A32 FARADAY-SCD100A32 Datasheet
97Kb / 2P
   TCD WIDEBAND DELAY LINE MODULES
SCD100B24 FARADAY-SCD100B24 Datasheet
97Kb / 2P
   TCD WIDEBAND DELAY LINE MODULES
More results

Similar Description - SCD1004

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com