Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12S05020-1B Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # D12S05020-1B
Description  Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S05020-1B Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button D12S05020-1B Datasheet HTML 5Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 6Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 7Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 8Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 9Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 10Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 11Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 12Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS_D12S05020_10282008
9
THERMAL CURVES
Figure 31: Temperature measurement location* The allowed
maximum hot spot temperature is defined at 125
D12S05020-1 B Output Current vs. Ambient Temperature and Air Velocity
@ Vin =12V, Vout =5V (Worse Orientation)
0
5
10
15
20
25
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current (A)
200LFM
500LFM
100LFM
300LFM
400LFM
Natural
Convection
Figure 32: Output current vs. ambient temperature and air
velocity @Vin=12V, Vout=5.0V (Worst Orientation)
D12S05020-1 B Output Current vs. Ambient Temperature and Air Velocity
@ Vin =12V, Vout =3.3V (Worse Orientation)
0
5
10
15
20
25
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current (A)
100LFM
400LFM
200LFM
300LFM
Natural
Convection
Figure 33: Output current vs. ambient temperature and air
velocity@ Vin=12V, Vout=3.3V (Worst Orientation)
THERMAL CONSIDERATION
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Note: Wind tunnel test setup figure dimensions are in
millimeters and (Inches)


Similar Part No. - D12S05020-1B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1B DELTA-D12S05020-1B Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1B DELTA-D12S05020-1B Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1B DELTA-D12S05020-1B Datasheet
722Kb / 12P
   Fixed frequency operation
More results

Similar Description - D12S05020-1B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_14 Datasheet
687Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA_14 Datasheet
825Kb / 20P
   Delphi DCL, Non-Isolated Point of Load DC/DC Power Modules
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA_14 Datasheet
1,004Kb / 21P
   Delphi DCS, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com