Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDT0402T-471M-N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDT0402T-471M-N
Description  SMD Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDT0402T-471M-N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDT0402T-471M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SDT0402T-471M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SDT0402T-471M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SDT0402T-471M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Shielded Power Inductors – SDT Series
Electrical Characteristics
Specifications
Operating Parameters
Part Number
Inductance
(
H)
Tolerance
(±%)
DC
Resistance
(Ω) Max
Self
Resonant
Frequency
(MHz) Typ.
Inductance
Rating
(
H)
Current
Rating
(A)
Energy
Storage
(
 Joules) Max
Switching
Frequency
Max
SDT0402T-1R0M-N
1.0
20
0.045
157
0.60
2.0
1.8
1 MHz
SDT0402T-1R5M-N
1.5
20
0.050
108
0.80
1.9
1.8
1 MHz
SDT0402T-2R2M-N
2.2
20
0.060
92
0.90
1.5
1.8
1 MHz
SDT0402T-3R3M-N
3.3
20
0.070
69
1.5
1.2
1.4
1 MHz
SDT0402T-4R7M-N
4.7
20
0.080
59
2.0
1.2
1.6
1 MHz
SDT0402T-6R8M-N
6.8
20
0.085
51
3.0
1.0
1.9
1 MHz
SDT0402T-100M-N
10
20
0.095
33
5.0
0.7
1.2
1 MHz
SDT0402T-150M-N
15
20
0.135
26
6.0
0.6
1.1
1 MHz
SDT0402T-220M-N
22
20
0.160
20
10
0.5
1.2
1 MHz
SDT0402T-330M-N
33
20
0.275
17
12
0.45
1.5
1 MHz
SDT0402T-470M-N
47
20
0.340
12
20
0.34
1.3
1 MHz
SDT0402T-680M-N
68
20
0.575
11
30
0.29
1.4
1 MHz
SDT0402T-101M-N
100
20
1.100
9.4
40
0.24
1.5
1 MHz
SDT0402T-151M-N
150
20
1.400
6.7
60
0.20
1.4
500 KHz
SDT0402T-221M-N
220
20
2.250
6.1
90
0.17
1.6
500 KHz
SDT0402T-331M-N
330
20
2.900
4.7
100
0.16
1.4
500 KHz
SDT0402T-471M-N
470
20
3.600
3.85
150
0.14
1.5
500 KHz
SDT0402T-681M-N
680
20
4.550
3.1
200
0.12
1.4
500 KHz
SDT0402T-102M-N
1000
20
8.100
2.3
400
0.08
1.4
500 KHz
 Inductance tested at 100 KHz,
 Measured at the rated current. Refer to curves below for more detail.
 Average maximum allowable current. SDT Series inductors are designed for current spikes as high as 2X the current rating
 Tolerance: M = ±20%
 Operating temperature range -40℃~125℃ (Including self - temperature rise )
Typical Inductance Energy Storage VS. Current


Similar Part No. - SDT0402T-471M-N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDT04S60 INFINEON-SDT04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDT04S60 INFINEON-SDT04S60 Datasheet
800Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.5 2008-06-02
More results

Similar Description - SDT0402T-471M-N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com