Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL0402T-470M-N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSL0402T-470M-N
Description  SMD Unshielded Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0402T-470M-N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSL0402T-470M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0402T-470M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0402T-470M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0402T-470M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL0402T-470M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL0402T-470M-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL0402T-470M-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL0402T-470M-N Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL0402T-470M-N Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SMD Unshielded Power Inductors – SSL Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
Isat
(A)
Irms
(A)
SSL0802T-100M-N
10
20
35
0.09
2.4
2.0
SSL0802T-150M-N
15
20
33
0.12
2.0
1.5
SSL0802T-220M-N
22
20
25
0.19
1.6
1.3
SSL0802T-330M-N
33
20
19
0.25
1.4
1.1
SSL0802T-470M-N
47
20
14
0.32
1.0
0.8
SSL0802T-680M-N
68
20
12
0.55
0.9
0.7
SSL0802T-101M-N
100
20
10
0.70
0.7
0.6
SSL0802T-151M-N
150
20
8
1.00
0.6
0.5
SSL0802T-221M-N
220
20
6
1.60
0.5
0.4
SSL0802T-331M-N
330
20
5
2.20
0.4
0.3
SSL0802T-471M-N
470
20
4
3.30
0.3
0.2
SSL0802T-681M-N
680
20
3
4.40
0.2
0.1
SSL0802T-102M-N
1000
20
2.5
7.00
0.1
0.05
Inductance tested at 100 KHz, 0.1 Vrms.
Inductance drop = 20% typ. at Isat.
ΔT = 30
rise typ
. at Irms.
Tolerance: M = ±20%
Operating temperature range -40℃~125℃ (Including self - temperature rise )
Test Instruments:


Similar Part No. - SSL0402T-470M-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL0503HC-100M-N ETC2-SSL0503HC-100M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-150M-N ETC2-SSL0503HC-150M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-1R2M-N ETC2-SSL0503HC-1R2M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-220M-N ETC2-SSL0503HC-220M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
SSL0503HC-2R2M-N ETC2-SSL0503HC-2R2M-N Datasheet
490Kb / 4P
   SMD Unshielded Power Inductors
More results

Similar Description - SSL0402T-470M-N

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com