Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF0730T-330M-N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SLF0730T-330M-N
Description  SMD Shielded Power Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLF0730T-330M-N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SLF0730T-330M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SLF0730T-330M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SLF0730T-330M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SLF0730T-330M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SLF0730T-330M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SLF0730T-330M-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SLF0730T-330M-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SLF0730T-330M-N Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMD Shielded Power Inductors – SLF Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
Itemp
(A) Max
SLF0628T-4R7M-N
4.7
20
1
0.0284
1.6
2.5
SLF0628T-6R8M-N
6.8
20
1
0.0354
1.5
2.2
SLF0628T-100M-N
10
20
1
0.0532
1.3
1.8
SLF0628T-150M-N
15
20
1
0.0745
1.0
1.4
SLF0628T-220M-N
22
20
1
0.104
0.77
1.3
SLF0628T-330M-N
33
20
1
0.148
0.69
1.1
SLF0628T-470M-N
47
20
1
0.21
0.59
0.92
SLF0628T-680M-N
68
20
1
0.29
0.50
0.78
SLF0628T-101M-N
100
20
1
0.43
0.42
0.64
Tolerance: M = ±20%
Isat:
Value obtained when DC current flows and the initial value of inductance has fallen by 30%
Itemp current: Value obtained when current flows and the temperature has risen to 25℃
Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
RDC: CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
SLF0728T-3R3M-N
3.3
20
1
0.037
1.6
SLF0728T-4R7M-N
4.7
20
1
0.045
1.5
SLF0728T-6R8M-N
6.8
20
1
0.059
1.3
SLF0728T-100M-N
10
20
1
0.083
1.1
SLF0728T-150M-N
15
20
1
0.13
0.88
SLF0728T-220M-N
22
20
1
0.18
0.75
SLF0728T-330M-N
33
20
1
0.24
0.65
SLF0728T-470M-N
47
20
1
0.34
0.54
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
 RDC: CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
SLF0730T-3R3M-N
3.3
20
1
0.023
1.8
SLF0730T-4R7M-N
4.7
20
1
0.036
1.6
SLF0730T-6R8M-N
6.8
20
1
0.041
1.5
SLF0730T-100M-N
10
20
1
0.060
1.3
SLF0730T-150M-N
15
20
1
0.084
1
SLF0730T-220M-N
22
20
1
0.15
0.86
SLF0730T-330M-N
33
20
1
0.16
0.65
SLF0730T-470M-N
47
20
1
0.24
0.57
SLF0730T-680M-N
68
20
1
0.31
0.49
SLF0730T-101M-N
100
20
1
0.45
0.35
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
 RDC: CH502BC


Similar Part No. - SLF0730T-330M-N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SLF0905 KOA-SLF0905 Datasheet
334Kb / 1P
   common mode choke coil
SLF0905T KOA-SLF0905T Datasheet
83Kb / 1P
   common mode choke coils
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
83Kb / 1P
   common mode choke coils
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
   common mode choke coil
logo
Sumida Corporation
SLF0912 SUMIDA-SLF0912 Datasheet
142Kb / 1P
   NORMAL MODE CHOKES
More results

Similar Description - SLF0730T-330M-N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com