Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNS04S0A0S06PFD Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DNS04S0A0S06PFD
Description  Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04S0A0S06PFD Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DNS04S0A0S06PFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 9Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 10Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 11Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 12Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 13Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 14Page - Delta Electronics, Inc. DNS04S0A0S06PFD Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DS_DNS04SIP06A_03092009
11
The output voltage tracking feature (Figure 40 to Figure
42) is achieved according to the different external
connections. If the tracking feature is not used, the
TRACK pin of the module can be left unconnected or
tied to Vin.
For proper voltage tracking, input voltage of the tracking
power module must be applied in advance, and the
remote on/off pin has to be in turn-on status. (Negative
logic: Tied to GND or unconnected. Positive logic: Tied
to Vin or unconnected)
Figure 40:
Sequential Start-up
Figure 41:
Simultaneous
Figure 42:
Ratio-metric
FEATURE DESCRIPTIONS (CON.)
The amount of power delivered by the module is the
voltage at the output terminals multiplied by the output
current. When using the trim feature, the output voltage
of the module can be increased, which at the same
output current would increase the power output of the
module. Care should be taken to ensure that the
maximum output power of the module must not exceed
the maximum rated power (Vo.set x Io.max ≤ P max).
Voltage Margining
Output voltage margining can be implemented in the
DNS modules by connecting a resistor, R margin-up, from the
Trim pin to the ground pin for margining-up the output
voltage and by connecting a resistor, Rmargin-down, from the
Trim pin to the output pin for margining-down. Figure 39
shows the circuit configuration for output voltage
margining. If unused, leave the trim pin unconnected. A
calculation tool is available from the evaluation
procedure which computes the values of R margin-up and
Rmargin-down for a specific output voltage and margin
percentage.
Vo
On/Off
Vin
GND
Trim
Q2
Q1
Rmargin-up
Rmargin-down
Rtrim
Figure 39:
Circuit configuration for output voltage margining
Voltage Tracking
The DNS family was designed for applications that have
output voltage tracking requirements during power-up
and power-down. The devices have a TRACK pin to
implement three types of tracking method: sequential
start-up,
simultaneous
and
ratio-metric.
TRACK
simplifies the task of supply voltage tracking in a power
system by enabling modules to track each other, or any
external voltage, during power-up and power-down.
By connecting multiple modules together, customers can
get multiple modules to track their output voltages to the
voltage applied on the TRACK pin.
PS1
PS1
PS2
PS2
PS1
PS1
PS2
PS2
PS1
PS1
PS2
PS2
-ΔV


Similar Part No. - DNS04S0A0S06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFD DELTA-DNS04S0A0S06PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results

Similar Description - DNS04S0A0S06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA_14 Datasheet
825Kb / 20P
   Delphi DCL, Non-Isolated Point of Load DC/DC Power Modules
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA_14 Datasheet
1,004Kb / 21P
   Delphi DCS, Non-Isolated Point of Load DC/DC Power Modules
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA_14 Datasheet
696Kb / 20P
   Delphi DCT, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com