Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNS04S0A0R06NFD Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNS04S0A0R06NFD
Description  Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04S0A0R06NFD Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNS04S0A0R06NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNS04S0A0R06NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
DS_DNS04SIP06_03092009D
FEATURES
High efficiency: 94% @ 5.0Vin, 3.3V/6A out
Small size and low profile: (SIP)
25.4 x 12.7 x 6.7mm (1.00”x 0.50”x 0.26”)
Single-In-Line (SIP) packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 3.3Vdc via external resistor
Fixed frequency operation
Input UVLO, output OTP, OCP
Remote on/off
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1)
Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative on/off logic
Tracking feature
SIP package
Delphi DNS, Non-Isolated Point of Load
DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
The Delphi Series DNS, 2.8-5.5V input, single output, non-isolated
Point of Load DC/DC converters are the latest offering from a world
leader in power systems technology and manufacturing -- Delta
Electronics, Inc. The DNS series provides a programmable output
voltage from 0.75V to 3.3V using an external resistor and has flexible
and programmable tracking features to enable a variety of startup
voltages as well as tracking between power modules. This product
family is available in surface mount or SIP packages and provides up
to 6A of output current in an industry standard footprint. With creative
design technology and optimization of component placement, these
converters possess outstanding electrical and thermal performance,
as well as extremely high reliability under highly stressful operating
conditions.


Similar Part No. - DNS04S0A0R06NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0R06NFD DELTA-DNS04S0A0R06NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results

Similar Description - DNS04S0A0R06NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD_14 Datasheet
567Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA_14 Datasheet
817Kb / 17P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA_14 Datasheet
1,022Kb / 21P
   Delphi DCM, Non-Isolated Point of Load DC/DC Power Modules
DNT04S0A0R03NFA DELTA-DNT04S0A0R03NFA_14 Datasheet
544Kb / 14P
   Delphi DNT04, Non-Isolated Point of Load DC/DC Power Modules
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA_14 Datasheet
825Kb / 20P
   Delphi DCL, Non-Isolated Point of Load DC/DC Power Modules
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA_14 Datasheet
1,004Kb / 21P
   Delphi DCS, Non-Isolated Point of Load DC/DC Power Modules
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA_14 Datasheet
696Kb / 20P
   Delphi DCT, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com