Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6255T5 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 6255T5
Description  Sub-Miniature SMT LED Assemblies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

6255T5 Datasheet(HTML) 1 Page - Visual Communications Company

  6255T5 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
Color
Emitted
Luminous Intensity
Forward Voltage
(nm)
Wavelength
Peak
(mA)
Current
Test
(mcd)
Max.
(V)
Typ.
(V)
Max.
6255T1
6255T3
6255T5
6255T7
6255T1-5V
6255T3-5V
6255T1LC
6255T5-5V
6255T5LC
6255T7LC
Red
Amber
Green
Yellow
Red
Amber
Green
Red
Green
Yellow
10.0
10.0
10.0
10.0
2.0
2.0
2.0
10.0
10.0
10.0
10
10
10
10
2
2
2
10
10
10
2.2
2.0
2.3
2.2
1.8
1.8
1.9
5.0
5.0
5.0
3.0
3.0
3.0
3.0
2.2
2.2
2.7
6.0
6.0
6.0
635
603
565
585
635
565
583
635
565
583
Color
Lens
6255T1-5VLC
3.5
3.5
5.0
6.0
635
6255T3-5VLC
3.5
3.5
5.0
6.0
565
6255T7-5VLC
(mcd)
Typ.
5.0
5.0
4.0
3.8
0.5
1.2
0.5
5.0
5.0
5.0
2.0
4.0
2.0
3.5
3.5
5.0
6.0
583
Red
Amber
Green
Red
Amber
Green
Yellow
Red
Amber
Green
Red
Green
Yellow
Red
Amber
Green
UL94-VØ
BLACK P.P.A.
HOUSING:
LC
LC
ANODE (+)
2.80
4.60
4.80
3.30
4.30
5.30
2.80
2.30
1.00
All dimensions in mm.
• Tape and reel packaged for high-speed
pick-and-place installation.
• Packaged 750 pieces per reel.
• Convection and vapor-phase reflow compatible.
• Compact form enables high density placement.
• Ideal for backlighting applications.
• Wide angle viewing.
• Direct-view optics provide smooth
uniform appearance.
• High output.
• Low current (2mA).
• Built-in resistor for 5V and 5V low-current.
• Perfect drop-in replacement for Dialight 591 series prism.
• 100K+ hour MTBF
• Easy post-reflow solder joint inspection.
• No adhesives.
• UL94V-O rated housing of black polyphenylen sulfide.
Refer to “Solder Pad Geometry 3.pdf”
Electro-Optical Characteristics and Ratings
6255T Series BrightAngle™ Sub-Miniature SMT LED Assemblies
Description and Features
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.


Similar Part No. - 6255T5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6255T5 CML-6255T5 Datasheet
45Kb / 1P
   Bright Angle Sub-Miniature SMT LED Assemblies
6255T5-5V CML-6255T5-5V Datasheet
45Kb / 1P
   Bright Angle Sub-Miniature SMT LED Assemblies
6255T5-5VLC CML-6255T5-5VLC Datasheet
45Kb / 1P
   Bright Angle Sub-Miniature SMT LED Assemblies
6255T5LC CML-6255T5LC Datasheet
45Kb / 1P
   Bright Angle Sub-Miniature SMT LED Assemblies
More results

Similar Description - 6255T5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6200T VCC-6200T Datasheet
92Kb / 1P
   Right Angle Sub-Miniature SMT LED Assemblies
logo
Chicago Miniature Lamp,...
6255T1 CML-6255T1 Datasheet
45Kb / 1P
   Bright Angle Sub-Miniature SMT LED Assemblies
6200T1 CML-6200T1 Datasheet
23Kb / 1P
   Bright Angle Right Angle Sub-Miniature SMT LED Assemblies
logo
E-SWITCH
200B E-SWITCH-200B Datasheet
97Kb / 1P
   SEALED SMT SUB-MINIATURE
900 E-SWITCH-900_1 Datasheet
153Kb / 1P
   DETECTOR SWITCHES - SUB-MINIATURE SMT
900 E-SWITCH-900 Datasheet
172Kb / 2P
   SUB-MINIATURE SMT PUSHBUTTON SWITCHES
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
   TOGGLE SWITCHES - SMT SUB-MINIATURE
900AGQ E-SWITCH-900AGQ Datasheet
153Kb / 1P
   DETECTOR SWITCHES - SUB-MINIATURE SMT
logo
New Jersey Semi-Conduct...
MDA920 NJSEMI-MDA920 Datasheet
82Kb / 1P
   Miniature Integral Diode Assemblies
logo
GREATECS
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
   Sealed Sub-Miniature SMT Pushbutton Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com