Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A10 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 10A10
Description  High surge current capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

10A10 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  10A10 Datasheet HTML 1Page - Pan Jit International Inc. 10A10 Datasheet HTML 2Page - Pan Jit International Inc. 10A10 Datasheet HTML 3Page - Pan Jit International Inc. 10A10 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
January 7,2014-REV.00
10A05 SERIES
VOLTAGE
CURRENT
50~1000 Volt
10 Ampere
SILICON RECTIFIER
• High surge current capability
• Low leakage
• Low forward voltage drop
• High current capability
• Low lost
• Lead free in compliance with EU RoHS 2011/65/EU directive
Case: Molded plastic, P600
Terminals: Axial leads, solderable to MIL-STD-750,Method 2026
Polarity: Color Band denotes cathode end
Weight: 0.0719 ounce, 2.04 gram
MECHANICAL DATA
FEATURES
Note:1.Measured at 1 MHz and Applied Reverse Voltage of 4 Volt.
2.The testing condition of the thermal resistance (junction to ambient and junction to lead) is based on 0mm lead
length between two 10cm x 10cm x 0.5mm copper pad heatsinks.
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz resistive or inductive load.
For Capacitive load derate current by 20%.
PARAMETER
SYMBOL 10A05
10A1
10A2
10A4
10A6
10A8
10A10 UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
I F(AV)10
A
Peak Forward Surge Current : 8.3ms single half
sine-wave superimposed on rated load
I FSM
400
A
Maximum Forward Voltage at 10A
VF
1.1
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage
I R
10
A
Typical Thermal Resistance (Note 2)
RJL
RJA
6
16
OC / W
Typical Junction Capacitance (Note 1)
CJ
100
pF
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
OC
.052(1.3)
.360(9.1)
.340(8.6)
.048(1.2)
P-600
Unit: inch(mm)


Similar Part No. - 10A10

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
10A10 YANGJIE-10A10 Datasheet
171Kb / 2P
   General Purpose Rectifier
logo
Bytes
10A10 BYTES-10A10 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Shanghai Leiditech Elec...
10A10 LEIDITECH-10A10 Datasheet
219Kb / 2P
   General Purpose Rectifier
logo
Diotech Company.
10A10 DIOTECH-10A10 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Shanghai Shunye Electro...
10A10 SHUNYE-10A10 Datasheet
99Kb / 2P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 10A10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
logo
International Rectifier
25F IRF-25F Datasheet
54Kb / 6P
   High surge current capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com