Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4002-M Datasheet(PDF) 2 Page - Formosa MS

Part # FM4002-M
Description  Glass passivated type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM4002-M Datasheet(HTML) 2 Page - Formosa MS

  FM4002-M Datasheet HTML 1Page - Formosa MS FM4002-M Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 6
20 

%&
'(
)*
*
+,-&
./0%123/24.5/2/.+62&
7+&
.
%&
'(
8*
*+,-&
./09:;.+&
1;./-/.&
+/;.6
<<=>?!
<=>
CDD
CDDD
EDD
FDD
GDD
HDD
CDDD
CCDD
IJKCLDMN
IJKOLMN
IJKCDDMN
P
Q
RP
RQ
SP
SQ
TP
TQ
UP
RP
V
W
X
Y
Q
U
T
S
R
P
%&
'(
\*
*]^_`
abc`
ef]be]beghif
%&
'(
j*
*%123/24462/+&
;'.:2k6
l
 @!
  =@<<=>?!
<
m
nmm omm pmm qmm rmm smm tmm umm vmm
mw
mn
mw
n
nm
n
nmm
xyznrm{|
xyznor{|
xyznmm{|
xyztr{|
xyzrm{|
xyzor{|
}g~g}fgab}ba]g}`
f]`
af
€
‚
‚
ƒ
‚
„
‚
…
‚
†
‚
‚
†ˆ
ˆ‚
‰ˆ
€‚‚
€†ˆ
€ˆ‚
€‰ˆ
  =@#=AB<=>?!
<
6 19 Š 425 4 01‹Œ 0ŒŠ6 63
‹3
9Š40 923
3
0
ŽŽ‘’”•
–—˜™›
žŸ ¡™¢£¤

¤
¥¥ ™¦—£
™
§™¨©
¥™¦—£
™ §™¨©
¥©
ž¢
–—˜™ª
«£
£
¬­
®
®
¯¯¯ª
°
ž±¡ž¥—¡¥ª
Ÿž¡®
²³´­
µµ¶·›·››¶¸¶¶¶¹
º»¼­
µµ¶·›·››¶¸¶¹½¹
¾·›››¶½¿
›ÀÀµ®
À›®
¹À
›À¹À®
ÀÁ®
¹À
Â
›
深圳FMS
Kinter
131
6803
0058


Similar Part No. - FM4002-M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM4002-M PACELEADER-FM4002-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FM4002-M LUGUANG-FM4002-M Datasheet
171Kb / 2P
   1.0A Surface Mount General Purpose Rectifiers
logo
Formosa MS
FM4002-M FORMOSA-FM4002-M Datasheet
98Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON TIFIER
FM4002-MH FORMOSA-FM4002-MH Datasheet
78Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
PACELEADER INDUSTRIAL
FM4002-MH PACELEADER-FM4002-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results

Similar Description - FM4002-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
SM4001 FORMOSA-SM4001_13 Datasheet
105Kb / 2P
   Glass passivated type
logo
Yea Shin Technology Co....
DB101S YEASHIN-DB101S Datasheet
355Kb / 2P
   Glass passivated type
logo
Formosa MS
FM201 FORMOSA-FM201 Datasheet
67Kb / 2P
   Glass passivated type
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
   Glass passivated type
FM301 FORMOSA-FM301 Datasheet
68Kb / 2P
   Glass passivated type
SM4001 FORMOSA-SM4001 Datasheet
65Kb / 2P
   Glass passivated type
B05S FORMOSA-B05S Datasheet
69Kb / 2P
   Glass passivated type
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com