Electronic Components Datasheet Search |
|
ES2C Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
ES2C Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 6 page PAGE . 1 May 2,2014-REV.00 ES2A~ES2J FEATURES • For surface mounted applications in order to optimize board space • Easy pick and place • Superfast recovery times for high efficiency. • Plastic package has Underwriters Laboratory Flammability Classification 94V-O • Glass passivated junction • Lead free in compliance with EU RoHS 2011/65/EU directive • Green molding compound as per IEC61249 Std. . (Halogen Free) MECHANICAL DATA • Case: JEDEC DO-214AC molded plastic • Terminals: Solder plated, solderable per MIL-STD-750,Method 2026 • Polarity: Indicated by cathode band • Standard packaging: 12mm tape (EIA-481) • Weight: 0.0023 ounce, 0.0679 gram SURFACE MOUNT SUPERFAST RECTIFIER MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. NOTES : 1.Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area. 2.Mounted on a FR4 PCB, single-sided copper, mini pad. 3.Reverse Recovery Test Conditions: IF=0.5A , IR=1A Irr=0.25A. 50 to 600 Volt 2 Ampere CURRENT VOLTAGE 1 2 Cathode Anode PARAMETER SYMBOL ES2A ES2B ES2C ES2D ES2E ES2G ES2J UNITS Maxi mum Recurrent P eak Reverse Voltage V RRM 50 100 150 200 300 400 600 V Maxi mum R MS V oltage V RMS 35 70 105 140 210 280 420 V Maxi mum D C B locki ng Voltage V DC 50 100 150 200 300 400 600 V Maxi mum A verage F orward C urrent I F(AV) 2A P eak F orward S urge C urrent : 8.3ms s i ngle half si ne-wave superi mposed on rated load I FSM 50 A Maxi mum F orward Voltage at 2A V F 0.95 1.25 1.7 V Maxi mum D C Reverse C urrent at Rated D C B locki ng Voltage I R 1 A Maxi mum Reverse Recovery Ti me (Note 3) t rr 35 ns Typi cal Juncti on C apaci tance Measured at 1MHz and appli ed V R=4 V C J 25 pF Typi ca Thermal Resi stance (Note 2) (Note 1) R JA R JC 150 30 O C / W Operati ng Juncti on and S torage Temperature Range T J,TSTG -55 to +150 O C 0.181(4.60) 0.157(4.00) 0.060(1.52) 0.030(0.76) 0.008(0.203) 0.002(0.051) 0.208(5.28) 0.188(4.80) 0 012(0 305) .. 0 006(0.152) . |
Similar Part No. - ES2C |
|
Similar Description - ES2C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |