Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-D1A-300L Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KC-D1A-300L
Description  RELAY - NONLATCH 3 PDT, 25 AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KC-D1A-300L Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KC-D1A-300L Datasheet HTML 5Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 6Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 7Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 8Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 9Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 10Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 11Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 12Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Types of suppressors:
Passive devices.
The resistor capacitor circuit
It eliminates the power dissipation problem, as well as fast voltage rises. With a proper match between coil and resistor,
approximate capacitance value can be calculated from:
C = 0.02xT/R, where
T = operating time in milliseconds
R = coil resistance in kiloOhms
C = capacitance in microFarads
The series resistor must be between 0.5 and 1 times the coil resistance. Special consideration must be taken for the
capacitor inrush current in the case of a low resistance coil.
The record shown opposite is performed on the same relay as above. The operation time becomes:
- time to start the movement 2.3ms
- transfer time 1.2ms
The major difficulty comes from the capacitor volume. In our example of a relay with a 290
Ω coil and time delay of 8 ms, a
capacitance value of C=0.5 uF is found. This non polarized capacitor, with a voltage of 63V minimum, has a volume of about
1cm3. For 150V, this volume becomes 1.5 cm3.
Date of issue: 6/00
- 9 -
Page 2 of 4


Similar Part No. - KC-D1A-300L

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KC-D1A-XXX LEACH-KC-D1A-XXX Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
More results

Similar Description - KC-D1A-300L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
   RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
9274 LEACH-9274 Datasheet
697Kb / 6P
   RELAY – NONLATCH 4 PDT, 15 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
   RELAY – NONLATCH 4 PDT, 12 AMP
KCL LEACH-KCL Datasheet
988Kb / 5P
   RELAY – LATCHING 3 PDT, 25 AMP
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
logo
List of Unclassifed Man...
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com