Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-D1A-300L Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # KC-D1A-300L
Description  RELAY - NONLATCH 3 PDT, 25 AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KC-D1A-300L Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button KC-D1A-300L Datasheet HTML 5Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 6Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 7Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 8Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 9Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 10Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 11Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 12Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
The bifilar coil
The principle is to wind on the magnetic circuit of the main coil a second coil shorted on itself. By a proper adaptation of the
internal resistance of this second coil it is possible to find an acceptable equilibrium between surge voltage and reduction of
the opening speed. To be efficient at fast voltage changes, the coupling of two coils must be perfect. This implies embedded
windings. The volume occupied by the second coil reduces the efficiency of the main coil and results in higher coil power
consumption. This method cannot be applied efficiently to products not specifically designed for this purpose.
The resistor (parallel with the coil)
For efficient action, the resistor must be of the same order of magnitude as the coil resistance. A resistor 1.5 times the coil
resistance will limit the surge to 1.5 times the supply voltage. Release time and opening speed are moderately affected. The
major problem is the extra power dissipated.
Semi-conductor devices
The diode
It is the most simple method to totally suppress the surge voltage. It has the major disadvantage of the higher reduction of
contact opening speed. This is due to the total recycling, through the diode, of the energy contained in the coil itself. The
following measurement is performed once again on the same relay. Operation times are given by the upper curve:
- time to start the movement 14ms
- transfer time 5ms
These times are multiplied by a coefficient from 4 to 8.
The lower curve shows the coil current. The increase prior to NO contact opening indicates that the contact spring dissipates
its energy. At the opening time the current becomes constant as a result of practically zero opening speed.
Due to this kind of behavior, this type of suppression must be avoided for power relays. For small relays which have to switch
low currents of less than 0.2 A, degradation of life is not that significant and the method may be acceptable.
Date of issue: 6/00
- 10 -
Page 3 of 4


Similar Part No. - KC-D1A-300L

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KC-D1A-XXX LEACH-KC-D1A-XXX Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
More results

Similar Description - KC-D1A-300L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
   RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
9274 LEACH-9274 Datasheet
697Kb / 6P
   RELAY – NONLATCH 4 PDT, 15 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
   RELAY – NONLATCH 4 PDT, 12 AMP
KCL LEACH-KCL Datasheet
988Kb / 5P
   RELAY – LATCHING 3 PDT, 25 AMP
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
logo
List of Unclassifed Man...
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com