Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-D1A-300L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KC-D1A-300L
Description  RELAY - NONLATCH 3 PDT, 25 AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KC-D1A-300L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KC-D1A-300L Datasheet HTML 1Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 2Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 3Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 4Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 5Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 6Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 7Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 8Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
COIL CHARACTERISTICS (Vdc)
SERIES KC
CODE
A
B
C
M
N [7]
R [7]
V [7]
Nominal operating voltage
28
12
6
48
28
12
6
Maximum operating voltage
29
14.5
7.3
50
29
14.5
7.3
Maximum pickup voltage
- Cold coil at +125° C
18
9
4.5
36
18
9
4.5
- During high temp test at +125° C
19.8
9.9
5
38
19.8
9.9
5
- During continuous current test at +125° C
22.5
11.25
5.7
42
22.5
11.25
5.7
Maximum drop-out voltage
7
4.5
2.5
14
7
4.5
2.5
Coil resistance
Ω ±10% at +25° C except types "C"
and "V" +20%, -10%
290
70
18
890
290
70
18
GENERAL CHARACTERISTICS
Temperature range
-70°C to +125°C
Minimum operating cycles (life) at rated load
50,000 [3]
Minimum operating cycles (life) at 25% rated load
200,000
Dielectric strength at sea level
- All circuits to ground and circuit to circuit
1250 Vrms
- Coil to ground
1000 Vrms
Dielectric strength at altitude 80,000 ft
500 Vrms [4]
Insulation resistance
- Initial (500 Vdc)
100 M
Ω min
- After environmental tests (500 Vdc)
50 M
Ω min
Sinusoidal vibration (A and D mounting)
0.12DA / 10 to 70 Hz
30G / 70 to 3000 Hz
Sinusoidal vibration (J mounting)
0.12DA / 10 to 57 Hz
20G /57 to 3000 Hz
Random vibration
- Applicable specification
MIL-STD-202
- Method
214
- Test condition - A and D mounting
1G (0.4G2/Hz, 50 to 2000 Hz)
- Test condition - G and J mounting
1E (0.2G2/Hz, 50 to 2000 Hz)
- Duration
15 minutes each plane
Shock (A, D and W mounting)
200G / 6 ms
Shock (J mounting)
100G / 6 ms
Maximum contact opening time under vibration and shock
10 µs
Operate time at nominal voltage@25°C
15 ms max
Release time at nominal voltage@25°C
15 ms max
Contact make bounce at nominal voltage@25°C
1 ms max
Contact release break bounce at nominal voltage@25°C
0.1 ms max [8]
Weight maximum
0.188lb
Unless otherwise noted, the specified temperature range applies to all relay characteristics.
Date of issue: 7/10
- 151 -
Page 2 of 4


Similar Part No. - KC-D1A-300L

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KC-D1A-XXX LEACH-KC-D1A-XXX Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
More results

Similar Description - KC-D1A-300L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
   RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
9274 LEACH-9274 Datasheet
697Kb / 6P
   RELAY – NONLATCH 4 PDT, 15 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
   RELAY – NONLATCH 4 PDT, 12 AMP
KCL LEACH-KCL Datasheet
988Kb / 5P
   RELAY – LATCHING 3 PDT, 25 AMP
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
logo
List of Unclassifed Man...
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com