Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC-D1A-300L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # KC-D1A-300L
Description  RELAY - NONLATCH 3 PDT, 25 AMP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KC-D1A-300L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button KC-D1A-300L Datasheet HTML 2Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 3Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 4Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 5Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 6Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 7Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 8Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 9Page - List of Unclassifed Manufacturers KC-D1A-300L Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application notes
N°102
RELAYS AND TEMPERATURE VARIATIONS
Most relay parameters are specified as maximum values over the rated temperature range of the specific relay. Users often
find that key parameters differ significantly at ambient temperature (20-25°C) and sometimes fall into the trap of specifying
their system around these ambient parameters. Additionally the actual temperature experienced by the relay can be far in
excess of existing ambient temperatures due to the heat generated by the coil current and the contact load. Figure 1 is the
summary of temperature effects on relay electrical characteristics.
Temperature
Resistance
Current
Operating
Voltage
Release
Voltage
Operate Time
Release Time
Increase
UP
DOWN
UP
UP
UP
UP
Decrease
DOWN
UP
DOWN
DOWN
DOWN
DOWN
Fig. 1
The following formulas are sometimes useful in calculating the effects shown above.
1. Change in coil resistance due to change of ambient temperature can be calculated by the following formula.
R = R20 [1 + .0039 (T-20)]
Where: R = Coil resistance at given temperature
R20 = Coil resistance at 20°C
T = °C Ambient temperature
"Rule of Thumb" : For each 10°C change of temperature, coil resistance will change approximately 4%.
2. High and low temperature pick up voltage:
E2 = E1K2,
Where: E2 = Pick Up Voltage at T2 temperature
E1 = Pick Up Voltage at 20°C
K2 = Coefficient of correction found on the graph in Fig. 2 at T2
Date of issue: 6/00
- 15 -
Page 1 of 2


Similar Part No. - KC-D1A-300L

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
KC-D1A-XXX LEACH-KC-D1A-XXX Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
More results

Similar Description - KC-D1A-300L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
   RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
   RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
9274 LEACH-9274 Datasheet
697Kb / 6P
   RELAY – NONLATCH 4 PDT, 15 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
   RELAY – NONLATCH 4 PDT, 12 AMP
KCL LEACH-KCL Datasheet
988Kb / 5P
   RELAY – LATCHING 3 PDT, 25 AMP
KC-D1A LEACH-KC-D1A Datasheet
644Kb / 5P
   RELAY – NONLATCH 3PDT, 25 AMP
logo
List of Unclassifed Man...
KDA-E4E ETC2-KDA-E4E Datasheet
656Kb / 11P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
KD-D4N-103 ETC2-KD-D4N-103 Datasheet
773Kb / 13P
   RELAY - NONLATCH 3 PST/NO AUX, 25 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com