Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EST2BF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # EST2BF
Description  Super fast recovery time, high voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

EST2BF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  EST2BF Datasheet HTML 1Page - Pan Jit International Inc. EST2BF Datasheet HTML 2Page - Pan Jit International Inc. EST2BF Datasheet HTML 3Page - Pan Jit International Inc. EST2BF Datasheet HTML 4Page - Pan Jit International Inc. EST2BF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
EST2AF SERIES
December 17,2013-REV.00
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Flame Retardant Epoxy Molding Compound
• Exceeds environmental standard MIL-S-19500/228
• Super fast recovery time, high voltage
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Lead free in compliance with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE
50~400 Volt
2 Ampere
CURRENT
MECHANICAL DATA
Case : SMAF Molded Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Polarity : Color band denotes cathode end
Standard packaging : 12mm tape (EIA-481)
Weight : 0.0011 ounces, 0.0328 grams
Marking : Part number
1
2
Cathode
Anode
Note:1.Measured at 1 MHz and Applied Reverse Voltage of 4 Volts.
2.Reverse Recovery Test Conditions : IF=0.5A, IR=1A, Recover to 0.25A.
3.Mounted on a FR4 PCB, single-sided copper, with 10cm*10cm copper pad area
4.Mounted on a FR4 PCB, single-sided copper, mini pad.
PARAMETER
SYMBOL
EST2AF
EST2BF
EST2CF
EST2DF
EST2EF
EST2GF
UNIT
Maximum recurrent peak reverse voltage
VRRM
50
100
150
200
300
400
V
Maximum rms voltage
VRMS
35
70
105
140
210
280
V
Maximum dc blocking voltage
VR
50
100
150
200
300
400
V
Maximum average forward rectified current
I F(AV)
2A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load
I FSM
50
A
Maximum forward voltage at 2A
VF
0.95
1.25
V
Maximum dc reverse current
I R
1
A
Typical junction capacitance
(Note 1)
CJ
30
25
pF
Typical thermal resistance
(Note 3)
(Note 4)
RJL
RJA
20
150
oC/W
Maximum reverse recovery time
(Note 2)
TRR
25
nS
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
MAXIMUM RATINGS(TA=25oC unless otherwise noted)


Similar Part No. - EST2BF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EST226M050AC3AA KEMET-EST226M050AC3AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 22 uF, 20%, 50 V, -40/105C, Lead Spacing = 2mm
EST227M010AE3AA KEMET-EST227M010AE3AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 220 uF, 20%, 10 V, -40/105C, Lead Spacing = 2.5mm
EST227M016AG3AA KEMET-EST227M016AG3AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 220 uF, 20%, 16 V, -40/105C, Lead Spacing = 3.5mm
EST227M025AG3AA KEMET-EST227M025AG3AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 220 uF, 20%, 25 V, -40/105C, Lead Spacing = 3.5mm
EST227M035AG4AA KEMET-EST227M035AG4AA Datasheet
76Kb / 1P
   Aluminum Electrolytic, 105C LowZ, EST, 220 uF, 20%, 35 V, -40/105C, Lead Spacing = 3.5mm
More results

Similar Description - EST2BF

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ER3GA SMC-ER3GA Datasheet
225Kb / 6P
   Super Fast Recovery Time
ER3EA SMC-ER3EA Datasheet
205Kb / 6P
   Super Fast Recovery Time
logo
DIYI Electronic Technol...
MUR1010 DYELEC-MUR1010 Datasheet
987Kb / 3P
   Ultra fast recovery time,high voltage
MUR1610CT DYELEC-MUR1610CT Datasheet
829Kb / 3P
   Ultra fast recovery time,high voltage
logo
Thinki Semiconductor Co...
F10P20F THINKISEMI-F10P20F Datasheet
689Kb / 2P
   Latest GPP technology with super fast recovery time
F10P20FR THINKISEMI-F10P20FR Datasheet
667Kb / 2P
   Latest GPP technology with super fast recovery time
logo
Sangdest Microelectroni...
FTB1F-15F SMC-FTB1F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com