Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C0G1E0R7BTQ Datasheet(PDF) 3 Page - TDK Electronics

Part # C0603C0G1E0R7BTQ
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E0R7BTQ Datasheet(HTML) 3 Page - TDK Electronics

  C0603C0G1E0R7BTQ Datasheet HTML 1Page - TDK Electronics C0603C0G1E0R7BTQ Datasheet HTML 2Page - TDK Electronics C0603C0G1E0R7BTQ Datasheet HTML 3Page - TDK Electronics C0603C0G1E0R7BTQ Datasheet HTML 4Page - TDK Electronics C0603C0G1E0R7BTQ Datasheet HTML 5Page - TDK Electronics C0603C0G1E0R7BTQ Datasheet HTML 6Page - TDK Electronics C0603C0G1E0R7BTQ Datasheet HTML 7Page - TDK Electronics C0603C0G1E0R7BTQ Datasheet HTML 8Page - TDK Electronics C0603C0G1E0R7BTQ Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TDK MLCC US Catalog
Version B11
Page 149
C Series
High Q Capacitors
Type: C0603
Available Through Distribution Only*
Higher Q factor than standard capacitors
High stability ith respect to ti e te perature
fre uency and voltage
cellent attenuation
High self-resonant fre uency
Lo er po er dissipation less energy absorption
Capacitance range of 0.2pF to 15pF
Available in standard and tight tolerance
Please contact TDK for Q values
A
Applications
High-fre uency applications
PA modules
Cellular communication, Bluetooth
Cable/satellite TV
GPS/satellite radio
Filter networks/matching networks
RF amplifiers/Low noise amplifiers
VCOs, TCXOs, etc.
DC blocking circuits
Features
Shape &
Dimensions
Dimensions in mm
Part Number
Construction
Series Name
C
0603
C0G 1E 150 J T XXXX
Dimensions L x W (mm)
Temperature Characteristic
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Internal Codes
L
Body Length
W Body Width
T Body Height
B Terminal Width
Case Code
Length
Width
C0603
0.60 ± 0.03
0.30 ± 0.03
Temperature
Characteristics
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/ºC
-55 to +125ºC
Voltage Code
Voltage (DC)
1E
25V
The capacitance is expressed in three digit codes and in units of pico
Farads (pF). The first and second digits identify the first and second
significant figures of the capacitance. The third digit identifies the
multiplier. R designates a decimal point.
Capacitance Code
Capacitance
0R5
0.5pF
010
1pF
102
1,000pF (1nF)
105
1,000,000pF (1μF)
Tolerance Code
Tolerance
W
± 0.05 pF
B
± 0.10 pF
C
± 0.25 pF
D
± 0.50 pF
E
± 0.20 pF
G
± 2%
J
± 5%
Packaging Code
Style
T
Tape & Reel
* This series is available through the distribution channel only. Please see www.tdk.com/distributor.php for a list of authorized distributors.
L
Body Length
W Body Width
T
Body Height
B
Terminal Width


Similar Part No. - C0603C0G1E0R7BTQ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E0R7B TDK-C0603C0G1E0R7B Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C0603C0G1E0R7BTQ

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com