Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F3M-S825 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # F3M-S825
Description  Silicon Wafer Mapping Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3M-S825 Datasheet(HTML) 1 Page - Omron Electronics LLC

  F3M-S825 Datasheet HTML 1Page - Omron Electronics LLC F3M-S825 Datasheet HTML 2Page - Omron Electronics LLC F3M-S825 Datasheet HTML 3Page - Omron Electronics LLC F3M-S825 Datasheet HTML 4Page - Omron Electronics LLC F3M-S825 Datasheet HTML 5Page - Omron Electronics LLC F3M-S825 Datasheet HTML 6Page - Omron Electronics LLC F3M-S825 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R
2
Silicon Wafer Mapping Sensor
F3M-S
Allows Simultaneous Mapping of up
to 25 Silicon Wafers
H
Economical, one sensor detects most
wafer types, including dummy wafers
H
Models match wafer sizes of 300 mm,
200 mm and 150 mm
H
Automatic and remote teaching
capability
H
Self-diagnostic functions reduce
downtime
Ordering Information
Applicable wafer size
Number of cassette slots
Function
Remarks
Part number
6 inches (4.76-mm pitch)
25
Self-diagnosis
---
F3M-S625
6 inches (4.76 mm pitch)
26
---
---
F3M-S626
8 inches (6.35-mm pitch)
25
Self-diagnosis
---
F3M-S825
8 inches (6.35 mm pitch)
26
---
---
F3M-S826
12 inches (10-mm pitch)
13
Self-diagnosis
CE marking
F3M-S1213
12 inches (10 mm pitch)
25
Self-diagnosis
CE marking
F3M-S1225
Application Examples
Detects Transparent Glass Wafers
with a Transparency of 92%
(F3M-S6j and F3M-S8j)
The F3M-S allows the mapping of cassettes that have both
silicon wafers and glass wafers. The F3M-S also accurately
detects dummy wafers in the carrier used to test coating or
processing tolerances.
Automatic Teaching Saves Setting Time
Remote Teaching Available
The F3M-S has an automatic teaching function that ensures easy
adjustments within a minimal time. The remote teaching function
allows quick, on-the-fly set up.
Answer-back Alarms for Setting Errors and
Self-diagnostic Alarms for Operation Errors
These alarms help reduce system downtime and shorten
troubleshooting time.
Note: The self-diagnostic output function is not incorporated by
the F3M-S826/-S626.
Static Electricity Protection
OMRON’s optical system, including an emitter and receiver,
prevents Sensor malfunction and damage by protecting the
Sensor from static electricity that may be charged on
semiconductor wafers at the time of mapping.


Similar Part No. - F3M-S825

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
F3M3 EDAL-F3M3 Datasheet
839Kb / 2P
   Silicon Power Rectifiers
logo
RFE international
F3MF RFE-F3MF Datasheet
2Mb / 3P
   Surface Mount Fast Recovery Rectifier F3AF Through F3MF
07-23-2020
More results

Similar Description - F3M-S825

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
M-DW1 PANASONIC-M-DW1 Datasheet
351Kb / 6P
   Wafer Mapping Sensor
logo
Rockchip Electronics Co...
RK3399 ROCKCHIP-RK3399 Datasheet
6Mb / 824P
   Address Mapping
logo
Molex Electronics Ltd.
0690080350 MOLEX11-0690080350 Datasheet
36Kb / 1P
   Wafer Cutter
logo
Unisonic Technologies
UESD4CUSB30G-AF5-R UTC-UESD4CUSB30G-AF5-R Datasheet
133Kb / 4P
   Flow-Through Pin Mapping
logo
Device Engineering Inco...
DEI1030 DEIAZ-DEI1030 Datasheet
289Kb / 6P
   Lighting Bus Mapping Circuit
logo
Holtek Semiconductor In...
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
   RAM Mapping 32횞4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
   RAM Mapping 36횞4 LCD Driver
logo
Adam Technologies, Inc.
15SH-A-XX-TR-SMT ADAM-TECH-15SH-A-XX-TR-SMT Datasheet
83Kb / 1P
   WAFER SMT
15SH-A-XX-TR-SMT-TR ADAM-TECH-15SH-A-XX-TR-SMT-TR Datasheet
82Kb / 1P
   WAFER SMT
15SH-A-XX-TR-SMT-TR-2 ADAM-TECH-15SH-A-XX-TR-SMT-TR-2 Datasheet
53Kb / 1P
   WAFER SMT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com