Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZJ-FA02 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # ZJ-FA02
Description  Static Sensors and Ionizers Series Catalog
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZJ-FA02 Datasheet(HTML) 5 Page - Omron Electronics LLC

  ZJ-FA02 Datasheet HTML 1Page - Omron Electronics LLC ZJ-FA02 Datasheet HTML 2Page - Omron Electronics LLC ZJ-FA02 Datasheet HTML 3Page - Omron Electronics LLC ZJ-FA02 Datasheet HTML 4Page - Omron Electronics LLC ZJ-FA02 Datasheet HTML 5Page - Omron Electronics LLC ZJ-FA02 Datasheet HTML 6Page - Omron Electronics LLC ZJ-FA02 Datasheet HTML 7Page - Omron Electronics LLC ZJ-FA02 Datasheet HTML 8Page - Omron Electronics LLC ZJ-FA02 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
The best sensing range in the industry at 100 mm/ ±50 kV.
Sensors that measure static charges are greatly affected by the measurement
distance. The ZJ-SD solves this problem by combining with a ZX-series
Displacement Sensor to enable communicating distance information and thus
achieve high-accuracy measurements.
Note: Ultrasonic Displacement Sensors are also available. Contact your OMRON representative for details.
Long-distance, High-precision Measurements
Workpiece Distance Compensation
Workpiece Size Compensation
Best Long-distance, High-precision Measurements in the Industry
Displacement Sensor (See note.)
Electrostatic Sensor
Accurate measurement over entire
range with distance compensation.
1.2
1
0.8
0.6
0.2
020
40
Sensing distance (mm)
Static Electricity vs. Sensing Distance (Fixed at 1 kV)
60
80
100
0.4
Electrometer with feedback
The ZJ-SD provides the highest detection accuracy in the industry when combined with a ZX Displacement Sensor.
And even more precise measurements are possible with the compensation function that adjusts to the size of the
workpiece.
The Electrostatic Sensor's sensing area is approximately five times
the installation distance.
Enter the workpiece size to measure the static charge of workpieces
smaller than the sensing area. (See note.)
The ZJ-SD can compensate the static charge based on a
comparison of the installation distance recorded in the Preamplifier
and the size of the sensing area.
Note: Except for the workpiece, static charge inside the sensing area must be 0 V. Use a
measurement error of approximately 10% as a guide for a measurement distance of
5 mm and a workpiece of 10 mm in diameter.
Accurate Static Charge Measurements
for Small Workpieces
Workpiece size
Sensing area
In addition to distance data compensation performed by the
Displacement Sensor, errors from distance fluctuations can also
be reduced by directly inputting the installation distance into the
Amplifier.
Unaffected by Measurement Distance
Input distance data.
Electrostatic Sensor
Distance information
Electrometer with no
compensation
Long distance,
Highly accurate detection
5


Similar Part No. - ZJ-FA02

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
ZJ-X0X LEACH-ZJ-X0X Datasheet
1Mb / 11P
   POWER CONTACTOR 180 AMP
More results

Similar Description - ZJ-FA02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MHM400-01 MURATA-MHM400-01_17 Datasheet
198Kb / 2P
   Ionizers
MHM306-05A MURATA-MHM306-05A_17 Datasheet
198Kb / 2P
   Ionizers
MHM305-05 MURATA-MHM305-05_17 Datasheet
198Kb / 2P
   Ionizers
MHM306-02 MURATA-MHM306-02_17 Datasheet
198Kb / 2P
   Ionizers
MHM305-01 MURATA-MHM305-01_17 Datasheet
198Kb / 2P
   Ionizers
MHM305-02 MURATA-MHM305-02_17 Datasheet
198Kb / 2P
   Ionizers
MHM306-01 MURATA-MHM306-01_17 Datasheet
198Kb / 2P
   Ionizers
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com