Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZJ-MA01 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # ZJ-MA01
Description  Static Sensors and Ionizers Series Catalog
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZJ-MA01 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button ZJ-MA01 Datasheet HTML 7Page - Omron Electronics LLC ZJ-MA01 Datasheet HTML 8Page - Omron Electronics LLC ZJ-MA01 Datasheet HTML 9Page - Omron Electronics LLC ZJ-MA01 Datasheet HTML 10Page - Omron Electronics LLC ZJ-MA01 Datasheet HTML 11Page - Omron Electronics LLC ZJ-MA01 Datasheet HTML 12Page - Omron Electronics LLC ZJ-MA01 Datasheet HTML 13Page - Omron Electronics LLC ZJ-MA01 Datasheet HTML 14Page - Omron Electronics LLC ZJ-MA01 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Dimensions
Engineering Data (Typical)
0
0
100
100
200
200
300
300
100
200
300
400
500
600
Discharge Area vs. Discharge Time
Discharge Area vs. Discharge Time
Distance direction
ZJ-FA10
1 s
2 s
5 s
4 s
3 s
Ion Balance (Position Fluctuation Characteristics)
Ion Balance (Position Fluctuation Characteristics)
ZJ-FA10 Ionizer
ZJ-FA10 Ionizer
Using ZJ9-FA-BR01
Pipe-mounting Bracket
Using ZJ9-FA-BR01
Pipe-mounting Bracket
6
4
2
0
−2
−4
−6
ABC
D
E
F
G
Measurement location
50 mm
300 mm
[Measurement conditions]
Airflow: Maximum
Discharge time: From +1,000 V to +100 V
Plate monitor: 150 x 150 mm, 20 pF
A
B
C
D
E
F
G
(mm)
(mm)
(Unit: mm)
(Unit: mm)
11
ZJ-FA
90
172.7
151.7
143.1
136.1
115
62.2
Two, M6
28 dia
.
70
50 ±0.1
90 ±0.1
115
118.5
85
175.2
165
143.2
130
6
55
13
9
70
50
90
143.2
70
120
Five, M5
Five, 5.5-dia. mounting holes


Similar Part No. - ZJ-MA01

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
ZJ-X0X LEACH-ZJ-X0X Datasheet
1Mb / 11P
   POWER CONTACTOR 180 AMP
More results

Similar Description - ZJ-MA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MHM400-01 MURATA-MHM400-01_17 Datasheet
198Kb / 2P
   Ionizers
MHM306-05A MURATA-MHM306-05A_17 Datasheet
198Kb / 2P
   Ionizers
MHM305-05 MURATA-MHM305-05_17 Datasheet
198Kb / 2P
   Ionizers
MHM306-02 MURATA-MHM306-02_17 Datasheet
198Kb / 2P
   Ionizers
MHM305-01 MURATA-MHM305-01_17 Datasheet
198Kb / 2P
   Ionizers
MHM305-02 MURATA-MHM305-02_17 Datasheet
198Kb / 2P
   Ionizers
MHM306-01 MURATA-MHM306-01_17 Datasheet
198Kb / 2P
   Ionizers
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-M21 OMRON-E32-M21 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com