Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C0G1E1R8CTQ Datasheet(PDF) 4 Page - TDK Electronics

Part # C0603C0G1E1R8CTQ
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E1R8CTQ Datasheet(HTML) 4 Page - TDK Electronics

  C0603C0G1E1R8CTQ Datasheet HTML 1Page - TDK Electronics C0603C0G1E1R8CTQ Datasheet HTML 2Page - TDK Electronics C0603C0G1E1R8CTQ Datasheet HTML 3Page - TDK Electronics C0603C0G1E1R8CTQ Datasheet HTML 4Page - TDK Electronics C0603C0G1E1R8CTQ Datasheet HTML 5Page - TDK Electronics C0603C0G1E1R8CTQ Datasheet HTML 6Page - TDK Electronics C0603C0G1E1R8CTQ Datasheet HTML 7Page - TDK Electronics C0603C0G1E1R8CTQ Datasheet HTML 8Page - TDK Electronics C0603C0G1E1R8CTQ Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TDK MLCC US Catalog
Version B11
Page 150
* This series is available through the distribution channel only. Please see www.tdk.com/distributor.php for a list of authorized distributors.
C
Capacitance
Range Chart
C0603 [EIA CC0201]
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC)
Rated Voltage: 25V(1E)
0.30 mm
Standard Thickness
C
Capacitance
((pF)
Cap
Code
Temperature
Characteristics
Tolerance
W
(±0.05)
B
(±0.10pF)
C
(±0.25pF)
D
(±0.50pF)
E
(±0.20pF)
G
(±2%)
J
(±5%)
0.2
0R2
-55 to 125ºC,
0±30 ppm/ºC
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1
010
1.1
1R1
1.2
1R2
1.3
1R3
1.5
1R5
1.6
1R6
1.8
1R8
2
020
2.2
2R2
2.4
2R4
2.7
2R7
3
030
3.3
3R3
3.6
3R6
3.9
3R9
4
040
4.3
4R3
4.7
4R7
5
050
5.1
5R1
5.6
5R6
6
060
6.2
6R2
6.8
6R8
7
070
7.5
7R5
8
080
8.2
8R2
9
090
9.1
9R1
10
100
11
110
12
120
13
130
15
150
16
160
18
180
20
200


Similar Part No. - C0603C0G1E1R8CTQ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E1R1B TDK-C0603C0G1E1R1B Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603C0G1E1R1C TDK-C0603C0G1E1R1C Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603C0G1E1R2B TDK-C0603C0G1E1R2B Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603C0G1E1R2C TDK-C0603C0G1E1R2C Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0603C0G1E1R3B TDK-C0603C0G1E1R3B Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C0603C0G1E1R8CTQ

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com